Electronic Components Datasheet Search
  English  ▼

X  

8206000000 Datasheet(PDF) 1 Page - Insulated Tools Ltd

Part # 8206000000
Description  3/8” DRIVE 13 PC TORQUE WRENCH SET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITL [Insulated Tools Ltd]
Direct Link  https://www.insulatedtools.co.uk/
Logo ITL - Insulated Tools Ltd

8206000000 Datasheet(HTML) 1 Page - Insulated Tools Ltd

  8206000000 Datasheet HTML 1Page - Insulated Tools Ltd 8206000000 Datasheet HTML 2Page - Insulated Tools Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT DATA SHEET
PRODUCT CODE:
DESCRIPTION:
3/8” DRIVE 13 PC TORQUE WRENCH SET
METAL MATERIAL:
INSULATION MATERIAL: NYLON THERMOPLASTIC
IEC60900, CATEGORY ‘C’, VDE
UNITED KINGDOM
8206000000
350
235
85
2016
5052269042050
COUNTRY OF ORIGIN:
LENGTH (MM):
WIDTH (MM):
DEPTH (MM):
WEIGHT (G):
COMMODITY CODE:
EAN:
SPECIFICATION:
04205
01711 - 3/8” Drive Torque Wrench 5-25 N-m
01718 - 3/8” Drive Socket 10mm
01717 - 3/8” Drive Socket 11mm
01719 - 3/8” Drive Socket 12mm
01720 - 3/8” Drive Socket 13mm
01721 - 3/8” Drive Socket 14mm
01722 - 3/8” Drive Socket 15mm
01728 - 3/8” Drive Socket 16mm
01730 - 3/8” Drive Socket 17mm
01734 - 3/8” Drive Socket 18mm
01740 - 3/8” Drive Socket 19mm
01791 - 3/8” Drive Extension 5”
01780 - 3/8” Drive Reversible Ratchet
KIT CONTENTS:


Similar Part No. - 8206000000

ManufacturerPart #DatasheetDescription
logo
Insulated Tools Ltd
8206000000 ITL-8206000000 Datasheet
5Mb / 2P
29PC FARADAY TOOL KIT - METRIC
8206000000 ITL-8206000000 Datasheet
1Mb / 2P
9PC GENERAL PURPOSE TOOL KIT
More results

Similar Description - 8206000000

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
TG70 GLENAIR-TG70 Datasheet
168Kb / 1P
Connector Strap Wrench with 3/8" Square Drive
logo
Pasternack Enterprises,...
PE5019-7 PASTERNACK-PE5019-7 Datasheet
255Kb / 2P
Break-Over Torque Wrench With 13/16 Bit
PE5019-8 PASTERNACK-PE5019-8 Datasheet
255Kb / 2P
Break-Over Torque Wrench With 13/16 Bit
logo
Glenair, Inc.
600-161 GLENAIR-600-161 Datasheet
301Kb / 1P
Digital Torque Wrench
logo
Rosenberger Hochfrequen...
64W021-000 ROSENBERGER-64W021-000 Datasheet
646Kb / 2P
Torque Wrench
74W021-000 ROSENBERGER-74W021-000 Datasheet
361Kb / 2P
TORQUE WRENCH
53W008-000 ROSENBERGER-53W008-000 Datasheet
281Kb / 2P
Torque Wrench
53W009-000 ROSENBERGER-53W009-000 Datasheet
283Kb / 2P
Torque Wrench
32W100-016 ROSENBERGER-32W100-016 Datasheet
83Kb / 1P
TORQUE WRENCH
logo
Mini-Circuits
TRQ-516-08 MINI-TRQ-516-08 Datasheet
168Kb / 1P
Torque Wrench
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com