Electronic Components Datasheet Search
  English  ▼

X  

MICRF002 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MICRF002
Description  300-440MHz QwikRadio?줐SK Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF002 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MICRF002 Datasheet HTML 8Page - Micrel Semiconductor MICRF002 Datasheet HTML 9Page - Micrel Semiconductor MICRF002 Datasheet HTML 10Page - Micrel Semiconductor MICRF002 Datasheet HTML 11Page - Micrel Semiconductor MICRF002 Datasheet HTML 12Page - Micrel Semiconductor MICRF002 Datasheet HTML 13Page - Micrel Semiconductor MICRF002 Datasheet HTML 14Page - Micrel Semiconductor MICRF002 Datasheet HTML 15Page - Micrel Semiconductor MICRF002 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MICRF002/RF022
Micrel
MICRF002/RF022
12
March 2003
Power Supply Bypass Capacitors
VDDBB and VDDRF should be connected together directly at
the IC pins. Supply bypass capacitors are strongly
recommended. They should be connected to VDDBB and
VDDRF and should have the shortest possible lead lengths.
For best performance, connect VSSRF to VSSBB at the
power supply only (that is, keep V
SSBB currents from flowing
through the V
SSRF return path).
Increasing Selectivity With an Optional BandPass
Filter
For applications located in high ambient noise environments,
a fixed value band-pass network may be connected between
the ANT pin and VSSRF to provide additional receive selec-
tivity and input overload protection. A minimum input configu-
ration is included in figure 7a. it provides some filtering and
necessary overload protection.
Data Squelching
During quiet periods (no signal) the data output (DO pin)
transitions randomly with noise. Most decoders can
descriminate between this random noise and actual data but
for some system it does present a problem. There are three
possible approaches to reducing this output noise:
1). Analog squelch to raise the demodulator threshold
2). Digital squelch to disable the output when data is not
present
3). Output filter to filter the (high frequency) noise glitches on
the data output pin.
The simplest solution is add analog squelch by introducing a
small offset, or squelch voltage, on the CTH pin so that noise
does not trigger the internal comparator. Usually 20mV to
30mV is sufficient, and may be achieved by connecting a
several-megohm resistor from the CTH pin to either V
SS or
V
DD, depending on the desired offset polarity. Since the
MICRF002 has receiver AGC noise at the internal compara-
tor input is always the same, set by the AGC. The squelch
offset requirement does not change as the local noise strength
changes from installation to installation. Introducing squelch
will reduce sensitivity and also reduce range. Only introduce
an amount of offset sufficient to quiet the output. Typical
squelch resistor values range from 6.8M
Ω to 10MΩ.
Wake-Up Function
The WAKEB output signal can be used to reduce system
power consumption by enabling the rest of a system when an
RF signal is present. The WAKEB is an output logic signal
which goes active low when the IC detects a constant RF
carrier. The wake-up function is unavailable when the IC is in
shutdown mode.
To activate the Wake-Up function, a received constant RF
carrier must be present for 128 counts or the internal system
clock. The internal system clock is derived from the reference
oscillator and is 1/256 the reference oscillator frequency. For
example:
f
T = 6.4MHz
f
S = fT/256 = 25kHz
P
S = 1/fS = 0.04ms
128 counts x 0.04ms = 5.12ms
where:
f
T = reference oscillator frequency
f
S = system clock frequency
P
S = system clock period
The Wake-Up counter will reset immediately after a detected
RF carrier drops. The duration of the Wake-Up signal output
is then determined by the required wake up time plus an
additional RF carrier on time interval to create a wake up
pulse output.
WAKEB Output Pulse Time = T
WAKE + Additional RF
Carrier On Time
For designers who wish to use the wakeup function while
squelching the output, a positive squelching offset voltage
must be used. This simply requires that the squelch resistor
be connected to a voltage more positive than the quiescent
voltage on the CTH pin so that the data output is low in
absence of a transmission.
I/O Pin Interface Circuitry
Interface circuitry for the various I/O pins of the MICRF002
are diagrammed in Figures 1 through 6. The ESD protection
diodes at all input and output pins are not shown.
CTH Pin
6.9pF
PHI2B
PHI1B
PHI1
PHI2
CTH
Demodulator
Signal
2.85Vdc
VDDBB
VSSBB
VSSBB
Figure 2. CTH Pin
Figure 2 illustrates the CTH-pin interface circuit. The CTH pin
is driven from a P-channel MOSFET source-follower with
approximately 10
µA of bias. Transmission gates TG1 and
TG2 isolate the 6.9pF capacitor. Internal control signals
PHI1/PHI2 are related in a manner such that the impedance
across the transmission gates looks like a “resistance” of
approximately 100k
Ω. The dc potential at the CTH pin is
approximately 1.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com