Electronic Components Datasheet Search
  English  ▼

X  

44683 Datasheet(PDF) 1 Page - Wiha Tools

Part # 44683
Description  Ratchet wrench set, 1/4" 17 pcs. incl foam insert (44683)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

44683 Datasheet(HTML) 1 Page - Wiha Tools

  44683 Datasheet HTML 1Page - Wiha Tools 44683 Datasheet HTML 2Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ratchet wrench set, 1/4" 17 pcs. incl foam insert
(44683)
Wiha Werkzeuge GmbH
Obertalstraße 3-7 78136 Schonach
E-Mail: info.de@wiha.com
Tel.:+49 (0)7722 959-0
Article number: 33391
Order no.: 44683
EAN: 4010995446833
Increases your flexibility: Variably adjustable right or left rotation through switching lever.
Simplifies your work: With a convenient foam insert for clearly structured storage.
Increases your efficiency: Fastening without interruption thanks to a finely toothed ratchet wrench.
Meets your requirements: Precise fitting, robust, and easy to clean.
Dimensions: 197x140x32 mm
Application: For installation and mounting work.
Opening tightly fastened screws requires great force. With the nut driver inserts from Wiha the user can
easily open any fastening. Every user is excellently equipped with the set consisting of the 13 most popular
1/4" nut driver inserts size 4-14 mm, a ratchet wrench, and two extensions. The included ratchet wrench
combined with the selection of nut drivers gives users the required flexibility for their work. When working with
the ratchet wrench, the user benefits from the fine toothing with 72 teeth, offering a short return angle. The
right or left rotation can be variably adjusted by the integrated switching lever. The combination with the
included extensions allow them to conveniently reach deep-set screws and nuts. The nut driver and
extensions are mechanically locked. The change is initiated by pressing the activation button. Made of high
quality chrome vanadium steel, the nut driver inserts are distinguished by their longevity and robustness, not
the least thanks to their corrosion-resistant and easy to clean surface. The entire contents of the set are
neatly and clearly stored in a foam insert in which markings help find the suitable nut driver.The non-slip
surface finish ensures a strong grip, even in oily or wet work situations.
Based on DIN 3124
Content:
●
1x Foam insert
●
1x Ratchet wrench for nut drivers 1/4" switchable (44666)
●
1x Nut driver insert 1/4" hexagon head (44669)
●
1x Nut driver insert 1/4" hexagon head (44677)
●
1x Nut driver insert 1/4" hexagon head (44670)
●
1x Nut driver insert 1/4" hexagon head (44671)
●
1x Nut driver insert 1/4" hexagon head (44672)
●
1x Nut driver insert 1/4" hexagon head (44673)
●
1x Nut driver insert 1/4" hexagon head (44674)
●
1x Nut driver insert 1/4" hexagon head (44675)
●
1x Nut driver insert 1/4" hexagon head (44676)
●
1x Nut driver insert 1/4" hexagon head (44678)


Similar Part No. - 44683

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
4468 MICROSEMI-4468 Datasheet
64Kb / 2P
1.5 WATT GLASS ZENER DIODES
logo
Central Semiconductor C...
4468 CENTRAL-4468 Datasheet
92Kb / 2P
1.5 WATT ZENER DIODE
logo
New Jersey Semi-Conduct...
4468 NJSEMI-4468 Datasheet
133Kb / 1P
DO-41 Package
logo
Heyco.
4468 HEYCO-4468 Datasheet
93Kb / 1P
HEYConnect™ Terminal Bushings
logo
Alpha & Omega Semicondu...
4468 AOSMD-4468 Datasheet
556Kb / 6P
100V Dual N-Channel MOSFET
More results

Similar Description - 44683

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5019-13 PASTERNACK-PE5019-13 Datasheet
246Kb / 2P
Break-Over Torque Wrench With 1/4 Bit
PE5019-14 PASTERNACK-PE5019-14 Datasheet
245Kb / 2P
Break-Over Torque Wrench With 1/4 Bit
logo
PHOENIX CONTACT
BHN-10 PHOENIX-BHN-10 Datasheet
41Kb / 2P
Socket wrench insert, magnetic, hexagonal, 10 mm wrench size, 1/4" drive, suitable for holders according to DIN 3126-F 6,3/ISO 1173
logo
List of Unclassifed Man...
CT3076 ETC-CT3076 Datasheet
262Kb / 2P
2 mm Banana Jack Wrench Set
D030022 ETC-D030022 Datasheet
227Kb / 1P
12PCS 1,000V Insulated 1/2" Dr. Reversible Ratchet Set
28/07/22 V1.2
logo
FIBOX Enclosing innovat...
3570791 FIBOX-3570791 Datasheet
38Kb / 1P
Corner stud set (4 pcs)
31.07.2023
7028546 FIBOX-7028546 Datasheet
52Kb / 1P
Earth screw set (2 pcs)
02.08.2023
5510020 FIBOX-5510020 Datasheet
36Kb / 1P
Cover screw set (4 pcs)
14.08.2023
5510021 FIBOX-5510021 Datasheet
46Kb / 1P
Hinge set (2 pcs)
14.08.2023
5510674 FIBOX-5510674 Datasheet
40Kb / 1P
Wall fastening lug (2 pcs) incl. screws
14.08.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com