Electronic Components Datasheet Search
  English  ▼

X  

00972 Datasheet(PDF) 1 Page - Wiha Tools

Part # 00972
Description  Nut driver with T-handle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

00972 Datasheet(HTML) 1 Page - Wiha Tools

  00972 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
215
Nut driver with T-handle
Hexagon brilliant nickel-plated
336
Order-No.
00965
5,5
125
157
100
32
10
00966
6
125
157
100
32
10
00967
6
200
232
100
32
10
00968
7
125
157
100
32
10
00969
7
200
232
100
32
10
00970
7
350
382
100
32
10
00971
8
125
157
100
32
10
00972
8
200
232
100
32
10
00973
8
350
382
100
32
10
00974
9
125
157
100
32
10
00975
9
200
232
100
32
10
00977
10
125
157
100
32
10
00978
10
200
232
100
32
10
00979
10
230
262
100
32
10
00980
10
350
382
100
32
10
00982
11
125
157
100
32
10
00983
11
230
262
100
32
5
00985
12
125
157
100
32
10
00986
12
230
262
100
32
5
00988
13
125
157
100
32
10
00989
13
230
262
100
32
10
00990
13
350
382
100
32
10
00991
14
125
157
100
32
5
00993
15
125
157
100
32
5
00994
16
125
157
100
32
5
00995
17
125
157
100
32
5
Nut driver with T-handle
Square nickel-plated
338
Order-No.
01005
6
125
157
100
32
10
01006
8
125
157
100
32
10
01007
10
125
157
100
32
10
01008
12
125
157
100
32
10


Similar Part No. - 00972

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0097000001 MOLEX3-0097000001 Datasheet
132Kb / 3P
KK짰 Cat Ear Crimp Terminal 4809, 22-30 AWG, Un-plated, Reel
0097000001 MOLEX1-0097000001_17 Datasheet
47Kb / 1P
KK 254 Cat Ear Crimp Terminal 4809, 22-30 AWG, Hot Tin Dip, Bottom Feed Reel
0097000450 MOLEX3-0097000450 Datasheet
133Kb / 3P
KK짰 Cat Ear Crimp Terminal 4809, 22-30 AWG, Un-plated, Reel
0097000919 MOLEX3-0097000919 Datasheet
80Kb / 2P
5.08mm (.200") Pitch KK Crimp Terminal Housing, 12 Circuits, Void Circuit on 11 Location
logo
Littelfuse
00970019X LITTELFUSE-00970019X Datasheet
83Kb / 1P
Pullers
More results

Similar Description - 00972

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
32641 ETC-32641 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools Ergonomic handle design for high torque
26539 ETC2-26539 Datasheet
256Kb / 1P
Wiha Nut Driver Precision Series
33403 ETC2-33403 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools
36442 ETC2-36442 Datasheet
226Kb / 1P
Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
BU-60H-0 ETC2-BU-60H-0 Datasheet
136Kb / 1P
Alligator Clip with Acetate Handle
logo
API Delevan
FK30M API-FK30M Datasheet
90Kb / 1P
Long stem heavy duty T-handle penetration probe
logo
Adam Technologies, Inc.
MSBH-G-H105 ADAM-TECH-MSBH-G-H105 Datasheet
67Kb / 1P
MINI SHUNT WITH HANDLE HEIGHT
logo
List of Unclassifed Man...
BU-60H ETC2-BU-60H Datasheet
150Kb / 1P
Alligator Clip with Handle
27844 ETC2-27844 Datasheet
189Kb / 2P
appliance connector with retaining nut
SRH-2RUMB ETC2-SRH-2RUMB Datasheet
60Kb / 1P
MATERIALS: HANDLE, UL94V-HB NYLON 6/6, A216V1515% GLASS FILLED / BRASS NUT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com