Electronic Components Datasheet Search
  English  ▼

X  

AT45DB641E Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 2Page - Renesas Technology Corp AT45DB641E Datasheet HTML 3Page - Renesas Technology Corp AT45DB641E Datasheet HTML 4Page - Renesas Technology Corp AT45DB641E Datasheet HTML 5Page - Renesas Technology Corp AT45DB641E Datasheet HTML 6Page - Renesas Technology Corp AT45DB641E Datasheet HTML 7Page - Renesas Technology Corp AT45DB641E Datasheet HTML 8Page - Renesas Technology Corp AT45DB641E Datasheet HTML 9Page - Renesas Technology Corp AT45DB641E Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
DS-AT45DB641E-027 Rev. O
Page 6
6/30/23
© 2023 Renesas Electronics
AT45DB641E Datasheet
1.
Description
The AT45DB641E is a 1.7 V minimum, serial-interface sequential access Flash memory ideally suited for a wide
variety of digital voice, image, program code, and data storage applications. The AT45DB641E also supports the
RapidS serial interface for applications requiring very high speed operation. Its 69,206,016 bits of memory are
organized as 32,768 pages of 256 bytes or 264 bytes each. In addition to the main memory, the AT45DB641E
also contains two SRAM buffers of 256/264 bytes each. Interleaving between both buffers can dramatically
increase a system's ability to write a continuous data stream. In addition, the SRAM buffers can be used as
additional system scratch pad memory, and E2PROM emulation (bit or byte alterability) can be easily handled with
a self-contained three step read-modify-write operation.
Unlike conventional Flash memories that are accessed randomly with multiple address lines and a parallel
interface, the DataFlash® uses a serial interface to sequentially access its data. The simple sequential access
dramatically reduces active pin count, facilitates simplified hardware layout, increases system reliability, minimizes
switching noise, and reduces package size. The device is optimized for use in many commercial and industrial
applications where high-density, low-pin count, low-voltage, and low-power are essential.
To allow for simple in-system re-programmability, the AT45DB641E does not require high input voltages for
programming. The device operates from a single 1.7 V to 3.6 V power supply for the erase and program and read
operations. The AT45DB641E is enabled through the Chip Select pin (CS) and accessed via a 3-wire interface
consisting of the Serial Input (SI), Serial Output (SO), and the Serial Clock (SCK).
All programming and erase cycles are self-timed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com