Electronic Components Datasheet Search
  English  ▼

X  

PV6F240SNG331M01 Datasheet(PDF) 3 Page - E-SWITCH

Part # PV6F240SNG331M01
Description  PV6 Series Anti-vandal Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PV6F240SNG331M01 Datasheet(HTML) 3 Page - E-SWITCH

  PV6F240SNG331M01 Datasheet HTML 1Page - E-SWITCH PV6F240SNG331M01 Datasheet HTML 2Page - E-SWITCH PV6F240SNG331M01 Datasheet HTML 3Page - E-SWITCH PV6F240SNG331M01 Datasheet HTML 4Page - E-SWITCH PV6F240SNG331M01 Datasheet HTML 5Page - E-SWITCH PV6F240SNG331M01 Datasheet HTML 6Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.e-switch.com
800.867.2717
3
PV6 Series Anti-vandal Switch
Body Dimensions
Standard LED
Wire Lead
** WIRE LEADS PROVIDED ARE DEPENDANT ON THE FUNCTION AND/OR ILLUMINATION SELECTED **
WITH GRAPHIC
WITHOUT GRAPHIC
(4) WIRE, 22 AWG,
AWM UL1007 WITH
ENDS PRE-STRIPPED
M16x1.0
HEATSHRINK
OVER SOLDERED
CONNECTIONS
CABLE TIE
25.4
[1.0 in]
(
)
13.0 2.0
.5.1 in
[
]
1.50
[.06 in]
16.5
[.65 in]
300.0 10.0
11.8.4 in
[
]
(+)
(-)
1
2
SWITCH
WIRE
LENGTH
SW1-1
WIRE, 22AWG AWM UL1007, WHITE
300.0 [11.8 in]
SW1-2
WIRE, 22AWG AWM UL1007, GREEN
300.0 [11.8 in]
SW1- (+) WIRE, 22AWG AWM UL1007, RED
300.0 [11.8 in]
SW1- (-)
WIRE, 22AWG AWM UL1007, BLACK
300.0 [11.8 in]
16.00
- .00
.20
+
.630 -.000
.008
+
in
[
]
16.00
- .00
.20
+
.630 -.000
.008
+
in
[
]
15.40 -.00
.10
+
.606 -.000
.004
+
in
[
]
PANEL THICKNESS
1-10mm's
Recommended Panel Cutouts



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com