Electronic Components Datasheet Search
  English  ▼

X  

FLCS-01 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # FLCS-01
Description  LCS Series – Compact Liquid Level Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FLCS-01 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  FLCS-01 Datasheet HTML 1Page - TE Connectivity Ltd FLCS-01 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENTECH INTERNATIONAL LTD
Grangestone Industrial Estate
Girvan, Ayrshire KA26 9PS
United Kingdom
Telephone: +44 1465 713581
Fax: +44 1465 714974
E-Mail: info@gentechsensors.com
Web Site www.gentechsensors.com
Design
Features
•
Rapid Push Fit
Installation
•
Reedswitch reliability
•
Temperature range to
60 degrees C
Product
Comments
•
Horizontal - Side
entry - Liquid Level
Sensor
•
Normally open or
normally closed by
float rotation
•
Acetal housing and
Polypropylene Float
•
EPDM Sealing
Grommet
•
Flying leads for
interconnection
Typical
Applications
•
Water high or low
Level
•
Un-pressurised
Central Heating
Systems
•
Fuel low level
•
Drinking water level
•
Organic Solvents
Material, Design and Operation
Mounting:
Side Entry
Material:
Acetal/Polypropylene
Fitting
External Fitting
Contact Form:
Form A - SPST
Contact Material:
Ruthenium
Maximum Switching Volts:
250 VAC
Maximum Switching Current:
1.0
Maximum Power:
15 Watts
Housing Temperature Range ˚C:
60
Housing Material:
Acetal Copolymer
Housing Colour:
Black
Float Material:
Foamed Polypropylene
Connection Type:
2 x 22AWG, 16/0.2mm PVC
Insulated 0.1M long
Cable Colour:
Black/Black
Minimum Specific Gravity:
0.8
Operating Temperature Range ˚C:
60
Medium/ Liquid:
Drinking Water, (potable water) Water
Sealing Components:
EPDM
Operating Pressure:
5
Operate Mode:
N/C with Horizontal
LIQUID LEVEL SENSOR
LCS Series – Compact Liquid Level Sensor
LCS-01
2005/24


Similar Part No. - FLCS-01

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FLCS-01-K MSYSTEM-FLCS-01-K Datasheet
104Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FLCS-01-K/K MSYSTEM-FLCS-01-K/K Datasheet
104Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FLCS-01-K/Q MSYSTEM-FLCS-01-K/Q Datasheet
104Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FLCS-01-L MSYSTEM-FLCS-01-L Datasheet
104Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FLCS-01-L/K MSYSTEM-FLCS-01-L/K Datasheet
104Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FLCS-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VCS-02 ETC2-VCS-02 Datasheet
226Kb / 2P
LIQUID LEVEL SENSOR
logo
Coto Technology
LSH COTO-LSH Datasheet
131Kb / 2P
Liquid Level Sensor
LSV COTO-LSV Datasheet
118Kb / 2P
Liquid Level Sensor
logo
Standex Electronics, In...
LS01-1A66-PA-2000W STANDEX-LS01-1A66-PA-2000W Datasheet
220Kb / 1P
LS01 Series Liquid Level Sensor
Rev.04
LS01-1A66-PP-1000W STANDEX-LS01-1A66-PP-1000W Datasheet
215Kb / 1P
LS01 Series Liquid Level Sensor
Rev.06
LS01-1A66-PP-2000W STANDEX-LS01-1A66-PP-2000W Datasheet
221Kb / 1P
LS01 Series Liquid Level Sensor
Rev.09
LS01-1A85-PA-500W STANDEX-LS01-1A85-PA-500W Datasheet
213Kb / 1P
LS01 Series Liquid Level Sensor
Rev.02
LS01-1B66-PA-500W STANDEX-LS01-1B66-PA-500W Datasheet
215Kb / 1P
LS01 Series Liquid Level Sensor
Rev.10
LS01-1B66-PP-5000W STANDEX-LS01-1B66-PP-5000W Datasheet
219Kb / 1P
LS01 Series Liquid Level Sensor
Rev.07
LS05-1A66-2-500W STANDEX-LS05-1A66-2-500W Datasheet
232Kb / 2P
LS05 Series Liquid Level Sensor
REV.04 22.01.15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com