Electronic Components Datasheet Search
  English  ▼

X  

P4802ABLXX Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # P4802ABLXX
Description  Baseband Protection (Voice-DS1)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

P4802ABLXX Datasheet(HTML) 2 Page - TE Connectivity Ltd

  P4802ABLXX Datasheet HTML 1Page - TE Connectivity Ltd P4802ABLXX Datasheet HTML 2Page - TE Connectivity Ltd P4802ABLXX Datasheet HTML 3Page - TE Connectivity Ltd P4802ABLXX Datasheet HTML 4Page - TE Connectivity Ltd P4802ABLXX Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SIDACtor® ProtectionThyristors
167
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
Capacitance Values
Part Number
pF
Pin 1-2, 3-2
Tip-Ground, Ring-Ground
pF
Pin 1-3
Tip-Ring
MIN
MAX
MIN
MAX
P0602ACLxx
25
250
10
145
P1402ACLxx
55
155
30
90
P1602ACLxx
45
145
25
85
P2202ACLxx
45
115
25
65
P2702ACLxx
40
105
20
60
P3002ACLxx
35
95
20
55
P3602ACLxx
35
90
15
50
P4202ACLxx
30
85
15
50
P4802ACLxx
30
85
15
50
P6002ACLxx
30
80
15
45
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
V
DRM
@l
DRM=5μA
V
S
@100V/μs
V
T
@I
T=2.2 A
I
H
I
S
I
T
Capacitance
V min
V max
V min
V max
V max
mA
min
mA
max
A
max
Pins 1-2, 3-2
Pins 1-3
Pins 1-2, 3-2
P0602ABLxx
P0602AB
25
40
50
80
4
50
800
2.2
See
Capacitance
Values Table
P1402ABLxx
P1402AB
58
77
116
154
4
150
800
2.2
P1602ABLxx
P1602AB
65
95
130
190
4
150
800
2.2
P2202ABLxx
P2202AB
90
130
180
260
4
150
800
2.2
P2702ABLxx
P2702AB
120
160
240
320
4
150
800
2.2
P3002ABLxx
P3002AB
140
180
280
360
4
150
800
2.2
P3602ABLxx
P3602AB
170
220
340
440
4
150
800
2.2
P4202ABLxx
P4202AB
190
250
380
500
4
150
800
2.2
P4802ABLxx
P4802AB
220
300
440
600
4
150
800
2.2
P6002ABLxx
P6002AB
275
350
550
700
4
150
800
2.2
P0602ACLxx
P0602AC
25
40
50
80
4
50
800
2.2
P1402ACLxx
P1402AC
58
77
116
154
4
150
800
2.2
P1602ACLxx
P1602AC
65
95
130
190
4
150
800
2.2
P2202ACLxx
P2202AC
90
130
180
260
4
150
800
2.2
P2702ACLxx
P2702AC
120
160
240
320
4
150
800
2.2
P3002ACLxx
P3002AC
140
180
280
360
4
150
800
2.2
P3602ACLxx
P3602AC
170
220
340
440
4
150
800
2.2
P4202ACLxx
P4202AC
190
250
380
500
4
150
800
2.2
P4802ACLxx
P4802AC
220
300
440
600
4
150
800
2.2
P6002ACLxx
P6002AC
275
350
550
700
4
150
800
2.2
Part Number
pF
Pin 1-2, 3-2
Tip-Ground, Ring-Ground
pF
Pin 1-3
Tip-Ring
MIN
MAX
MIN
MAX
P0602AALxx
15
145
10
90
P1402AALxx
40
60
20
35
P1602AALxx
35
60
20
35
P2202AALxx
30
50
15
30
P2702AALxx
25
45
15
25
P3002AALxx
25
40
15
25
P3602AALxx
25
35
10
20
P4202AALxx
25
35
10
20
P4802AALxx
20
35
10
20
P6002AALxx
20
35
10
20
P0602ABLxx
15
250
10
145
P1402ABLxx
40
155
20
90
P1602ABLxx
35
145
20
85
P2202ABLxx
30
115
15
65
P2702ABLxx
25
105
15
60
P3002ABLxx
25
95
15
55
P3602ABLxx
25
90
10
50
P4202ABLxx
25
85
10
50
P4802ABLxx
20
85
10
50
P6002ABLxx
20
80
10
45
Note: Off-state capacitance (C
O) is measured at 1 MHz with a 2 V bias.
Notes:
- Absolute maximum ratings measured at T
A= 25ºC (unless otherwise noted).
- Devices are bi-directional (unless otherwise noted).
- XX Part Number Suffix: ‘RP’ (Reel Pack), Blank (Bulk Pack), or ‘60’ (Type 60 lead form bulk pack)
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com