Electronic Components Datasheet Search
  English  ▼

X  

750-400. Datasheet(PDF) 2 Page - WAGO Kontakttechnik GmbH & Co. KG

Part # 750-400.
Description  2-channel digital input; 24 VDC; 3 ms
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

750-400. Datasheet(HTML) 2 Page - WAGO Kontakttechnik GmbH & Co. KG

  750-400. Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG 750-400. Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG 750-400. Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG 750-400. Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG 750-400. Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG 750-400. Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG 750-400. Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Continued on next page
Version 29.04.2023
https://www.wago.com/750-400
Data Sheet | Item Number: 750-400
Page 2/7
Technical data
Current carrying capacity (power jumper contacts)
10 A
.
Connection data
Connection technology: inputs/outputs
8 x CAGE CLAMP®
Connection type 1
Inputs/outputs
Solid conductor
0.08 … 2.5 mm² / 28 … 14 AWG
Fine-stranded conductor
0.08 … 2.5 mm² / 28 … 14 AWG
Strip length
8 … 9 mm / 0.31 … 0.35 inches
.
Physical data
Width
12 mm / 0.472 inches
Height
100 mm / 3.937 inches
Depth
69.8 mm / 2.748 inches
Depth from upper-edge of DIN-rail
62.6 mm / 2.465 inches
.
Mechanical data
Mounting type
DIN-35 rail
Pluggable connector
fixed
.
Material data
Color
light gray
Housing material
Polycarbonate; polyamide 6.6
Fire load
1.209 MJ
Weight
45.8 g
Conformity marking
CE
.
Environmental requirements
Ambient temperature (operation)
0 … +55 °C
Ambient temperature (storage)
-25 … +85 °C
Protection type
IP20
Pollution degree
2 per IEC 61131-2
Operating altitude
0 … 2000 m / 0 … 6562 ft
Mounting position
horizontal (standing/lying); vertical
Relative humidity (without condensation)
95 %
Vibration resistance
4g per IEC 60068-2-6
Shock resistance
15g per IEC 60068-2-27
EMC immunity to interference
per EN 61000-6-2, marine applications
EMC emission of interference
per EN 61000-6-4, marine applications
Exposure to pollutants
per IEC 60068-2-42 and IEC 60068-2-43
Permissible H2S contaminant concentration at a relative humidity 75 %
10 ppm
Permissible SO2 contaminant concentration at a relative humidity 75 %
25 ppm
.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com