Electronic Components Datasheet Search
  English  ▼

X  

29SA Datasheet(PDF) 1 Page - Weller Tools

Part # 29SA
Description  Reverse-action tweezers with wide, rounded tips.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELLER [Weller Tools]
Direct Link  https://www.weller-tools.com/us/en
Logo WELLER - Weller Tools

29SA Datasheet(HTML) 1 Page - Weller Tools

  29SA Datasheet HTML 1Page - Weller Tools 29SA Datasheet HTML 2Page - Weller Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PROFESSIONAL
Product Information
29SA
Product no.: 29SA
Reverse-action tweezers with wide, rounded tips.
source images
For applications in microelectronics, jewelrymaking,
watchmaking, medicine and laboratory technology
Suitable for delicate standard applications and
precision work on small components or wires
Special stainless steel, non-magnetic, non-rusting,
acid-proof, heat-resistant
The perfect Combination - Precision, design, symmetry and balance
Weller Erem™ has a wide range of Tweezers, each designed to be strong, comfortable and precise. Manufactured with uncompromising Swiss quality and created for worldwide
applications, including electronics assembly and healthcare, Weller Erem Tweezers are built to last. Feel the difference with Weller Erem™ – the proven choice. Every time.
Swiss
Made
PRECISION
TOOLS


Similar Part No. - 29SA

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
29S-2D MULTICOMP-29S-2D Datasheet
74Kb / 1P
Knobs
17/01/12 V1.1
logo
Rosenberger Hochfrequen...
29S111-101L5 ROSENBERGER-29S111-101L5 Datasheet
56Kb / 2P
MCX STRAIGHT PLUG
29S111-102L5 ROSENBERGER-29S111-102L5 Datasheet
58Kb / 2P
MCX STRAIGHT PLUG
29S111-103L5 ROSENBERGER-29S111-103L5 Datasheet
57Kb / 2P
MCX STRAIGHT PLUG
29S111-271L5 ROSENBERGER-29S111-271L5 Datasheet
52Kb / 2P
MCX STRAIGHT PLUG
More results

Similar Description - 29SA

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5676A POMONA-5676A Datasheet
41Kb / 1P
Test Probe Set with Replaceable Tips
logo
List of Unclassifed Man...
SM117 ETC2-SM117 Datasheet
3Mb / 4P
General Purpose Tweezers
XYB02 ETC2-XYB02 Datasheet
63Kb / 1P
SOLDERING TIPS
STTC-817 ETC2-STTC-817 Datasheet
242Kb / 3P
Soldering Tips
logo
3M Electronics
6473 3M-6473 Datasheet
41Kb / 1P
Test Probe Set with Replaceable Tips
10-Jul-2002
logo
List of Unclassifed Man...
49157 ETC2-49157 Datasheet
138Kb / 1P
Long Tweezers With Serrated Pattern Tips
BU-4444-A-12-0 ETC2-BU-4444-A-12-0 Datasheet
177Kb / 1P
Test Lead with Stackable Pin Tips
logo
STMicroelectronics
AN1299 STMICROELECTRONICS-AN1299 Datasheet
724Kb / 30P
L638xE tricks and tips
01-Aug-2008
logo
List of Unclassifed Man...
D-1409 ETC2-D-1409 Datasheet
2Mb / 54P
standard straight tips
logo
Pepperl+Fuchs Inc.
TL175 PF-TL175 Datasheet
441Kb / 1P
Test Leads with adjustable length test tips
2021-06-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com