Electronic Components Datasheet Search
  English  ▼

X  

MPC8245 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MPC8245
Description  Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MPC8245_07 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8245_07 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
29
Electrical and Thermal Characteristics
Figure 18. PIC Serial Interrupt Mode Output Timing Diagram
Figure 19. PIC Serial Interrupt Mode Input Timing Diagram
4.8
IEEE 1149.1 (JTAG) AC Timing Specifications
Table 15 provides the JTAG AC timing specifications for the MPC8245 while in the JTAG operating mode
at recommended operating conditions (see Table 2) with LVDD = 3.3 V ± 0.3 V. Timings are independent
of the system clock (PCI_SYNC_IN).
Table 15. JTAG AC Timing Specification (Independent of PCI_SYNC_IN)
Num
Characteristic
Min
Max
Unit
Notes
TCK frequency of operation
0
25
MHz
1
TCK cycle time
40
—
ns
2
TCK clock pulse width measured at 1.5 V
20
—
ns
3
TCK rise and fall times
0
3
ns
4TRST setup time to TCK falling edge
10
—
ns
1
5TRST assert time
10
—
ns
6
Input data setup time
5
—
ns
2
7
Input data hold time
15
—
ns
2
8
TCK to output data valid
0
30
ns
3
9
TCK to output high impedance
0
30
ns
3
10
TMS, TDI data setup time
5
—
ns
S_CLK
S_RST
VM
VM
VM
S_FRAME
sys_logic_clk
VM
VM
VM
VM
4
3
5
4
6
S_CLK
S_INT
7
VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com