Electronic Components Datasheet Search
  English  ▼

X  

MPC8245 Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # MPC8245
Description  Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245 Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button MPC8245 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
50
Freescale Semiconductor
System Design
7.8
Thermal Management
This section provides thermal management information for the tape ball grid array (TBGA) package for
air-cooled applications. Depending on the application environment and the operating frequency, heat sinks
may be required to maintain junction temperature within specifications. Proper thermal control design
primarily depends on the system-level design: the heat sink, airflow, and thermal interface material. To
reduce the die-junction temperature, heat sinks can be attached to the package by several methods:
adhesive, spring clip to holes in the printed-circuit board or package, or mounting clip and screw assembly.
Figure 27 displays a package-exploded cross-sectional view of a TBGA package with several heat sink
options.
Figure 27. Package-Exploded Cross-Sectional View with Several Heat Sink Options
Figure 28 depicts the die junction-to-ambient thermal resistance for four typical cases:
•
A heat sink is not attached to the TBGA package, and there exists high board-level thermal loading
from adjacent components.
•
A heat sink is not attached to the TBGA package, and there is low board-level thermal loading from
adjacent components.
•
A heat sink (for example, ChipCoolers) is attached to the TBGA package, and there is high
board-level thermal loading from adjacent components.
•
A heat sink (for example, ChipCoolers) is attached to the TBGA package, and there is low
board-level thermal loading from adjacent components.
Thermal Interface
Heat Sink
TBGA Package
Heat Sink
Clip
Printed-Circuit Board
Option
Material
Die
Adhesive or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com