Electronic Components Datasheet Search
  English  ▼

X  

M58PR001LE Datasheet(PDF) 90 Page - Numonyx B.V

Part # M58PR001LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR001LE Datasheet(HTML) 90 Page - Numonyx B.V

Back Button M58PR001LE Datasheet HTML 86Page - Numonyx B.V M58PR001LE Datasheet HTML 87Page - Numonyx B.V M58PR001LE Datasheet HTML 88Page - Numonyx B.V M58PR001LE Datasheet HTML 89Page - Numonyx B.V M58PR001LE Datasheet HTML 90Page - Numonyx B.V M58PR001LE Datasheet HTML 91Page - Numonyx B.V M58PR001LE Datasheet HTML 92Page - Numonyx B.V M58PR001LE Datasheet HTML 93Page - Numonyx B.V M58PR001LE Datasheet HTML 94Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 123 page
background image
Part numbering
M58PR512LE, M58PR001LE
90/123
17
Part numbering
Devices are shipped from the factory with the memory content bits erased to ’1’.
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact the Numonyx sales office nearest to you.
Table 36.
Ordering information scheme
Example:
M58PR512L
E 96
ZAD 5
Device type
M58
Architecture
P = multilevel, multiple bank, large buffer
Operating voltage
R = VDD = 1.7 V to 2.0 V, VDDQ = 1.7 V to 2.0 V
Density
512 = 512 Mbit
001 = 1 Gbit
Technology
L = 65 nm technology multilevel design
Memory organization
E = uniform blocks
Speed
96 = 96 ns
Package
ZAD = stacked TFBGA105 D stacked footprint.
ZAC= stacked TFBGA107 C stacked footprint.
Temperature range
5 = –30 to 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com