Electronic Components Datasheet Search
  English  ▼

X  

ROS-2500 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ROS-2500
Description  Surface Mount Voltage Controlled Oscillators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ROS-2500 Datasheet(HTML) 1 Page - Mini-Circuits

  ROS-2500 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers/ NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-835094 • Fax 44-1252-837010
ISO 9001 CERTIFIED
®
Voltage Controlled Oscillators
Outline drawing
Electrical Specifications
REV. OR
M70000
ED-7473B/3
ROS-2500
SK/TD/CP
000113
Maximum Ratings
Operating Temperature
-55°C to 85°C
Storage Temperature
-55°C to 100°C
Absolute Max. Supply Voltage (Vcc)
+15 V
Absolute Max. Tuning Voltage (Vtune)
+16V
All specifications: 50 ohm system
Linear Tuning
1600 to 2500 MHz
CASE STYLE: CK605
inch
mm
Outline dimensions (
)
Applications
• PCS
Qty.
(5-49)
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Min. Max.
TUNING
SENSI-
TIVITY
(MHz/V)
3 dB
MODULATION
BANDWIDTH
(kHz)
PRICE
$
HARMONICS*
(dBc)
PUSHING
(MHz/V)
PULLING
pk-pk
@ 12 dBr
(MHz)
PHASE NOISE
dBc/Hz SSB at offset
frequencies:
Typ.
POWER
OUTPUT
(dBm)
TUNING
VOLTAGE
FREQ.
(MHz)
Max.
Min. Max.
1600 2500
6.5
0.5
14
-66
-90
-113
-133
18
5
30-180
-14
-8
6000
12
25
21.95
1 kHz 10 kHz 100 kHz
1 MHz
POWER SUPPLY
ROS-2500
Pin Connections
PORT
kg
RF OUT
10
V-CC
14
V-TUNE
2
GND EXT.
all others
Surface Mount
* specified to 4th harmonic
Voltage
(V)
Current
(mA)
Max.
Features
• wide bandwidth
• industry standard package


Similar Part No. - ROS-2500

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ROS-2500 MINI-ROS-2500 Datasheet
177Kb / 2P
Voltage Controlled Oscillator
REV. G
ROS-2500+ MINI-ROS-2500+ Datasheet
177Kb / 2P
Voltage Controlled Oscillator
REV. G
ROS-2500-1419 MINI-ROS-2500-1419 Datasheet
375Kb / 2P
Voltage Controlled Oscillator
REV. B
ROS-2500-1419+ MINI-ROS-2500-1419+ Datasheet
375Kb / 2P
Voltage Controlled Oscillator
REV. B
ROS-2500-2119 MINI-ROS-2500-2119 Datasheet
322Kb / 2P
Voltage Controlled Oscillator
REV. A
More results

Similar Description - ROS-2500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CO-760PS ETC-CO-760PS Datasheet
124Kb / 4P
Surface Mount Oven Controlled Crystal Oscillators
logo
MTRONPTI
MTCVO11 MTRONPTI-MTCVO11 Datasheet
62Kb / 1P
Surface Mount Temperature Compensated Voltage Controlled Crystal Oscillators (TCVCXO)
logo
Tyco Electronics
MAVCML MACOM-MAVCML Datasheet
142Kb / 2P
Surface Mount TO8 Voltage Controlled Oscillators
logo
Vectron International, ...
CO-760PS VECTRON-CO-760PS Datasheet
126Kb / 4P
Surface Mount Oven Controlled Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KV5032C-C3 KSS-KV5032C-C3 Datasheet
120Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050A KSS-KV7050A Datasheet
129Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050B-C3 KSS-KV7050B-C3 Datasheet
131Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050C-P3 KSS-KV7050C-P3 Datasheet
140Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050G-P3 KSS-KV7050G-P3 Datasheet
126Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050R-P3 KSS-KV7050R-P3 Datasheet
125Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com