Electronic Components Datasheet Search
  English  ▼

X  

K2959M Datasheet(PDF) 3 Page - EPCOS

Part # K2959M
Description  IF Filter for Intercarrier Applications 38,00 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

K2959M Datasheet(HTML) 3 Page - EPCOS

  K2959M Datasheet HTML 1Page - EPCOS K2959M Datasheet HTML 2Page - EPCOS K2959M Datasheet HTML 3Page - EPCOS K2959M Datasheet HTML 4Page - EPCOS K2959M Datasheet HTML 5Page - EPCOS K2959M Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Mar 31, 2006
SAW Components
K 2959 M
38,00 MHz
IF Filter for Intercarrier Applications
Data Sheet
Characteristics
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
min.
typ.
max.
Insertion attenuation
α
Reference level for the
36,50 MHz
16,5
18,0
19,5
dB
following data
Relative attenuation
α
rel
Picture carrier
38,00 MHz
4,1
5,1
6,1
dB
Color carrier
33,57 MHz
0,0
1,0
2,0
dB
Sound carrier
31,50 MHz
17,9
19,4
—
dB
32,50 MHz
15,5
17,0
18,5
dB
Adjacent picture carrier
30,00 MHz
46,0
55,0
—
dB
31,00 MHz
40,0
56,0
—
dB
Adjacent sound carrier
39,50 MHz
42,0
52,0
—
dB
40,50 MHz
43,0
54,0
—
dB
Lower sidelobe
25,00
... 30,00 MHz
40,0
46,0
—
dB
Upper sidelobe
39,50
... 45,00 MHz
35,0
41,0
—
dB
Reflected wave signal suppression
1,1
µs ... 6,0 µs after main pulse
42,0
52,0
—
dB
(test pulse 250 ns,
carrier frequency 36,50 MHz)
Feedthrough signal suppression
1,1
µs ... 1,0 µs before main pulse
50,0
56,0
—
dB
(test pulse 250 ns,
carrier frequency 36,50 MHz)
Group delay ripple (p-p)
∆τ
—30
—
ns
Impedance at 36,50 MHz
Input:
ZIN
=
RIN
||
CIN
—
3,0 ||10,8
—
k
Ω || pF
Output:
ZOUT = ROUT || COUT
—
3,6 || 2,7
—k
Ω || pF
Temperature coefficient of frequency
TCf
—
–72
—
ppm/K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com