Electronic Components Datasheet Search
  English  ▼

X  

MS75087 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MS75087
Description  Military, MIL/PRF/15305 Qualified, Type LT Molded, Shielded
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MS75087 Datasheet(HTML) 2 Page - Vishay Siliconix

  MS75087 Datasheet HTML 1Page - Vishay Siliconix MS75087 Datasheet HTML 2Page - Vishay Siliconix MS75087 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MS75087 / MS75088
Inductors, Military, MIL-PRF-15305 Qualified,
Type LT, Molded, Shielded
Vishay Dale
Document Number: 34187
For technical questions contact magnetics@vishay.com
www.vishay.com
Revision: 20-Feb-06
25
* Measured with full length lead.
** Rated DC Current: Based on maximum temperature rise not to exceed 15 °C at + 90 °C ambient.
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
IND.
(µH)
TOL.
MILITARY
STANDARD
MILITARY
TYPE
Q
MIN.
TEST FREQ.
L & Q
(MHz)
SELF-RESONANT*
FREQ. MIN.
(MHz)
DCR at 25 °C
MAX. (Ohms)
RATED DC**
CURRENT
(mA)
MS75088
LT10K
1.0
± 10 %
- 1
203
44
25.0
140.0
0.07
1070
1.2
± 10 %
- 2
204
44
7.9
130.0
0.10
895
1.5
± 10 %
- 3
205
44
7.9
115.0
0.12
815
1.8
± 10 %
- 4
206
44
7.9
105.0
0.14
775
2.2
± 10 %
- 5
207
44
7.9
100.0
0.19
650
2.7
± 10 %
- 6
208
44
7.9
92.0
0.28
535
3.3
± 10 %
- 7
209
44
7.9
85.0
0.35
480
3.9
± 10 %
- 8
210
44
7.9
75.0
0.40
450
4.7
± 10 %
- 9
211
44
7.9
70.0
0.55
380
5.6
± 10 %
- 10
212
44
7.9
65.0
0.72
335
6.8
± 10 %
- 11
213
50
7.9
55.0
1.02
280
8.2
± 10 %
- 12
214
50
7.9
50.0
1.32
250
10.0
± 10 %
- 13
215
50
7.9
46.0
1.62
220
12.0
± 10 %
- 14
216
55
2.5
44.0
2.0
200
DESCRIPTION - MILITARY PART NUMBER
MS75088
- 13
OR
LT
10
K
215
MILITARY STANDARD
INDUCTANCE VALUE
TYPE
GRADE AND CLASS
FAMILY
ID NUMBER
GLOBAL PART NUMBER INFORMATION
PACKAGE CODE
U
R
INDUCTANCE VALUE
-1
3
MODEL
0
5
S
M7
88



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com