Electronic Components Datasheet Search
  English  ▼

X  

TS862 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS862
Description  Rail-to-rail micropower BiCMOS comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS862 Datasheet(HTML) 4 Page - STMicroelectronics

  TS862 Datasheet HTML 1Page - STMicroelectronics TS862 Datasheet HTML 2Page - STMicroelectronics TS862 Datasheet HTML 3Page - STMicroelectronics TS862 Datasheet HTML 4Page - STMicroelectronics TS862 Datasheet HTML 5Page - STMicroelectronics TS862 Datasheet HTML 6Page - STMicroelectronics TS862 Datasheet HTML 7Page - STMicroelectronics TS862 Datasheet HTML 8Page - STMicroelectronics TS862 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Electrical characteristics
TS861, TS862, TS864
4/19
Doc ID 6422 Rev 3
Note:
Limits are 100% production tested at 25 °C. Limits over temperature are guaranteed through
correlation and by design.
TF
Fall time
f= 10 kHz, CL = 50 pF, overdrive = 100 mV
20
ns
TR
Rise time
f= 10 kHz, CL = 50 pF, overdrive = 100 mV
20
ns
1.
Maximum values including unavoidable inaccuracies of the industrial tests.
2.
Design evaluation.
Table 3.
Electrical characteristics at VCC = 2.7 V, Tamb = 25 °C
(unless otherwise specified) (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com