Electronic Components Datasheet Search
  English  ▼

X  

M58WR016QT Datasheet(PDF) 21 Page - Numonyx B.V

Part # M58WR016QT
Description  16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WR016QT Datasheet(HTML) 21 Page - Numonyx B.V

Back Button M58WR016QT Datasheet HTML 17Page - Numonyx B.V M58WR016QT Datasheet HTML 18Page - Numonyx B.V M58WR016QT Datasheet HTML 19Page - Numonyx B.V M58WR016QT Datasheet HTML 20Page - Numonyx B.V M58WR016QT Datasheet HTML 21Page - Numonyx B.V M58WR016QT Datasheet HTML 22Page - Numonyx B.V M58WR016QT Datasheet HTML 23Page - Numonyx B.V M58WR016QT Datasheet HTML 24Page - Numonyx B.V M58WR016QT Datasheet HTML 25Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 110 page
background image
M58WR016QT, M58WR016QB, M58WR032QT, M58WR032QB Command interface - standard com-
21/110
5.4
Read CFI Query command
The Read CFI Query command is used to read data from the Common Flash Interface
(CFI). The Read CFI Query Command consists of one Bus Write cycle, to an address within
one of the banks. Once the command is issued subsequent Bus Read operations in the
same bank read from the Common Flash Interface.
If a Read CFI Query command is issued in a bank that is executing a Program or Erase
operation the bank will go into Read CFI Query mode, subsequent Bus Read cycles will
output the CFI data and the Program/Erase controller will continue to Program or Erase in
the background. This mode supports asynchronous or single synchronous reads only, it
does not support page mode or synchronous burst reads.
The status of the other banks is not affected by the command (see Table 12). After issuing a
Read CFI Query command, a Read Array command should be issued to the addressed
bank to return the bank to Read Array mode.
See Appendix B, Tables 33, 34, 35, 36, 37, 38, 39, 40, 41 and 42 for details on the
information contained in the Common Flash Interface memory area.
5.5
Clear Status Register command
The Clear Status Register command can be used to reset (set to ‘0’) error bits SR1, SR3,
SR4 and SR5 in the Status Register. One bus write cycle is required to issue the Clear
Status Register command. The Clear Status Register command does not change the Read
mode of the bank.
The error bits in the Status Register do not automatically return to ‘0’ when a new command
is issued. The error bits in the Status Register should be cleared before attempting a new
Program or Erase command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com