Electronic Components Datasheet Search
  English  ▼

X  

HD74HC533P Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HD74HC533P
Description  Octal D-type Transparent Latches (with 3-state outputs) Octal D-type Transparent Latches (with inverted 3-state outputs)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC533P Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HD74HC533P Datasheet HTML 4Page - Renesas Technology Corp HD74HC533P Datasheet HTML 5Page - Renesas Technology Corp HD74HC533P Datasheet HTML 6Page - Renesas Technology Corp HD74HC533P Datasheet HTML 7Page - Renesas Technology Corp HD74HC533P Datasheet HTML 8Page - Renesas Technology Corp HD74HC533P Datasheet HTML 9Page - Renesas Technology Corp HD74HC533P Datasheet HTML 10Page - Renesas Technology Corp HD74HC533P Datasheet HTML 11Page - Renesas Technology Corp HD74HC533P Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
HD74HC373, HD74HC533
REJ03D0619-0300 Rev.3.00 Mar 25, 2009
Page 8 of 9
Package Dimensions
7.62
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
24.50
6.30
5.08
A1
Z
b3
D
E
A
bp
c
θ
e
L
e1
0.51
0.56
1.30
0.19
0.25
0.31
2.29 2.54
2.79
0°
15°
25.40
7.00
0.40
0.48
1.27
2.54
1
p
3
1
10
20
11
e
b
Z
e
c
D
b
0.89
θ
( Ni/Pd/Au plating )
P-DIP20-6.3x24.5-2.54
1.26g
MASS[Typ.]
DP-20NEV
PRDP0020AC-B
RENESAS Code
JEITA Package Code
Previous Code
0.80
0.15
1.27
7.50
8.00
0.40
0.34
A1
13.0
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
2.20
0.90
0.70
0.50
5.50
0.20
0.10
0.00
0.46
0.25
0.20
0.15
7.80
8°
0°
0.12
1.15
12.60
L1
Z
HE
y
x
θ
c
bp
A2
E
D
b1
c1
e
e
L
A
20
11
10
F
*1
*3
p
M
x
y
1
Index mark
D
b
Z
Terminal cross section
( Ni/Pd/Au plating )
p
b
1
Detail F
L
L
θ
NOTE)
1. DIMENSIONS"*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"*3"DOES NOT
INCLUDE TRIM OFFSET.
P-SOP20-5.5x12.6-1.27
0.31g
MASS[Typ.]
FP-20DAV
PRSP0020DD-B
RENESAS Code
JEITA Package Code
Previous Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com