Electronic Components Datasheet Search
  English  ▼

X  

RCD-24 Datasheet(PDF) 3 Page - Recom International Power

Part # RCD-24
Description  Constant Current Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RCD-24 Datasheet(HTML) 3 Page - Recom International Power

  RCD-24 Datasheet HTML 1Page - Recom International Power RCD-24 Datasheet HTML 2Page - Recom International Power RCD-24 Datasheet HTML 3Page - Recom International Power RCD-24 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.recom-international.com
139
2008
INNOLINE
DC/DC-Converter
RCD-24
Series
Voltage Control (0-15V max)
100%
0%
1V
2V
3V
4V
15V
0.13V
4.5V
Analogue Input Voltage
1
0
PWM Digital Control Signal
Output Current (LED appears dim)
Output Current (LED appears bright)
PWM Digital Control Signal
1
0
0~
200Hz
0~
200Hz
+Vin
Analogue
Dim
0-10VDC
RCD-24-xxx
On/Off
(Optional)
LED DRIVER with 0-10V Interface
GND
3k3
2k4
1st LED
Last LED
0
1
Max*
0
PWM Digital Control Signal
Output Current
* Max output current can also be set using Analogue input
24VDC
Manual
Dimming
Control
RCD-24-xxx
LED DIMMER for up to 7 white LEDs
GND
1K Pot.
1st LED
Last LED
4k7
Analogue Dimming Control and Application Circuit Examples
Digital Dimming Control



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com