Electronic Components Datasheet Search
  English  ▼

X  

RB151 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # RB151
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RB151 Datasheet(HTML) 1 Page - Rectron Semiconductor

  RB151_05 Datasheet HTML 1Page - Rectron Semiconductor RB151_05 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE-PHASE GLASS PASSIVATED
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* High reverse voltage to 1000v
* Surge overload ratings to 50 amperes peak
* Good for printed circuit board assembly
* Weight: 1.04 grams
* Silver-plated copper leads
* UL listed the recognized component directory, file #E94233
* Epoxy: Device has UL flammability classification 94V-O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RB151
THRU
RB157
RB-15
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
SILICON BRIDGE RECTIFIER
Dimensions in inches and (millimeters)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
SYMBOL
VRRM
VDC
IO
IFSM
VRMS
Volts
Volts
Volts
Amps
1.5
50
Amps
UNITS
50
100
200
400
600
800
1000
70
35
140
280
420
700
560
RB151
RB152
RB153
RB154
RB155
RB156
RB157
Maximum Average Forward Output Current at TA = 25
oC
50
100
200
400
600
800
1000
.360 (9.1)
.340 (8.6)
.150 (3.8)
.130 (3.3)
.032 (0.8)
.028 (0.7)
.220 (5.6)
.180 (4.6)
.220 (5.6)
.180 (4.6)
(30.5)
(25.4)
1.2
1.0
MIN.
MIN.
POS.
LEAD
MECHANICAL DATA
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
2005-3
Operating Temperature Range
TSTG
-55 to + 150
0 C
T J
-55 to + 150
0 C
Storage Temperature Range
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.0
1
mAmps
Maximum Reverse Current at Rated
Maximum Forward Voltage Drop per Bridge
Volts
@TA = 25
oC
@TA = 100
oC
RB151
RB152
RB153
RB154
RB155
RB156
RB157
DC Blocking Voltage per element
Element at 1.0A DC
5.0
uAmps
0 C/ W
R
θ JA
36
Typical Thermal Resistance (Note 1)
R
θ JC
NOTE:1.Thermal resistance from junction to ambient and from junction to lead at 0.375” (9.5mm) lead length P.C.B. mounting.
REV: A
2. “Fully ROHS compliant”, “100% Sn plating (Pb-free)”.
12


Similar Part No. - RB151_05

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RB151 MCC-RB151_08 Datasheet
108Kb / 3P
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - RB151_05

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB101 RECTRON-DB101 Datasheet
36Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RS201 RECTRON-RS201_13 Datasheet
241Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RBU401M RECTRON-RBU401M_13 Datasheet
188Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
4RS201M RECTRON-4RS201M Datasheet
100Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBU8A GENESIC-GBU8A_16 Datasheet
346Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
GBU10J GENESIC-GBU10J_16 Datasheet
333Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
GBPC3506TW GENESIC-GBPC3506TW_16 Datasheet
341Kb / 4P
Single Phase Glass Passivated Silicon Bridge Rectifier
GBPC15005TW GENESIC-GBPC15005TW_16 Datasheet
352Kb / 4P
Single Phase Glass Passivated Silicon Bridge Rectifier
KBL401G GENESIC-KBL401G_16 Datasheet
312Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
KBP206G GENESIC-KBP206G_16 Datasheet
354Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com