Electronic Components Datasheet Search
  English  ▼

X  

PT4450 Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT4450
Description  SAW-based ASK/OOK Transmitter IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT4450 Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button PT4450 Datasheet HTML 2Page - Princeton Technology Corp PT4450 Datasheet HTML 3Page - Princeton Technology Corp PT4450 Datasheet HTML 4Page - Princeton Technology Corp PT4450 Datasheet HTML 5Page - Princeton Technology Corp PT4450 Datasheet HTML 6Page - Princeton Technology Corp PT4450 Datasheet HTML 7Page - Princeton Technology Corp PT4450 Datasheet HTML 8Page - Princeton Technology Corp PT4450 Datasheet HTML 9Page - Princeton Technology Corp PT4450 Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT4450 PRE1.0
- 6 -
August, 2007
SAW-based ASK/OOK Transmitter IC
Preliminary
PT4450
TESTING CIRCUIT
Values
Component
315MHz Band
434MHz Band
Unit
S1
(see Note)
315
434
MHz
R1
0
0
Ω
R2
10K
10K
Ω
R3
470K
470K
Ω
L1
180n
180n
H
L2
27n
27n
H
C1
220p
220p
F
C2
12p
4.7p
F
C3
22p
12p
F
C4, C5
100n
100n
F
Note: S1 is a SAW resonator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com