Electronic Components Datasheet Search
  English  ▼

X  

PS21965 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # PS21965
Description  Dual-In-Line Intelligent Power Module 20 Amperes/600 Volts
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS21965 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  PS21965 Datasheet HTML 1Page - Powerex Power Semiconductors PS21965 Datasheet HTML 2Page - Powerex Power Semiconductors PS21965 Datasheet HTML 3Page - Powerex Power Semiconductors PS21965 Datasheet HTML 4Page - Powerex Power Semiconductors PS21965 Datasheet HTML 5Page - Powerex Power Semiconductors PS21965 Datasheet HTML 6Page - Powerex Power Semiconductors PS21965 Datasheet HTML 7Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Intellimod™ Module
Dual-In-Line Intelligent
Power Module
20 Amperes/600 Volts
PS21965, PS21965-A,
PS21965-C
11
12/05
Description:
DIP-IPMs are intelligent power
modules that integrate power
devices, drivers, and protection
circuitry in an ultra compact
dual-in-line transfer-mold package
for use in driving small three
phase motors. Use of 5th
generation IGBTs, DIP packaging,
and application specific HVICs
allow the designer to reduce
inverter size and overall design
time.
Features:
£
Compact Packages
£
Single Power Supply
£
Integrated HVICs
£
Direct Connection to CPU
£
Reduced Rth
Applications:
£
Refrigerators
£
Air Conditioners
£
Small Servo Motors
£
Small Motor Control
Ordering Information:
PS21965 is a 600V, 20 Ampere
short pin DIP Intelligent Power
Module.
PS21965-A – long pin type
PS21965-C – zigzag pin type
Dimensions
Inches
Millimeters
A
1.50±0.02
38.0±0.5
B
0.94±0.02
24.0±0.5
C
0.14
3.5
D
1.40
35.56
E
0.57±0.02
14.4±0.5
F
0.74±0.02
18.9±0.5
G
1.15±0.02
29.2±0.5
H
0.14
3.5
J
0.13
3.3
K
0.016
0.4
L
0.06±0.02
1.5±0.05
M
0.031
0.8
N
1.39±0.019
35.0±0.3
O
0.07±0.008
1.778±0.2
P
0.02
0.5
Q
0.47
12.0
Dimensions
Inches
Millimeters
R
0.011
0.28
S
0.12
3.08
T
0.024
0.6
U
0.1±0.008
2.54±0.2
V
1.33±0.02
33.7±0.5
W
0.03
0.678
X
0.04
1.0
Y
0.05
1.2
Z
1.40
35.56
AA
0.55±0.02
14.0±0.5
BB
0.37±0.02
9.5±0.5
CC
0.22±0.02
5.5±0.5
DD
0 ~ 5°
0 ~ 5°
EE
0.06 MIN.
1.5 Min.
FF
0.05
1.2
GG
0.063 Rad.
1.6 Rad.
Outline Drawing and Circuit Diagram
D
N
O
P
A
HEATSINK
SIDE
HEATSINK SIDE
D
B
C
E
E
G
H
J
K
L
M
N
O
P
Q
R
R
S
T
U
P
P
W
W
Y
Y
W
W
Y
Y
CC
FF
GG
EE
DD
EE
DD
DD
AA
(PS21965-A)
BB
(PS21965 / PS21965-C)
A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
25
24
23
22
21
20
19
18
11 VN
12 WN
13 VN1
14 FO
15 CIN
6 VP
7 WP
8 VP1
9 VNC
10 UN
1 (VNC)
2 VUFB
3 VVFB
4 VWFB
5 UP
21 W
22 V
23 U
24 P
25 NC
16 VNC
17 VNO
18 NC
19 NC
20 N
TERMINAL CODE
X
DETAIL "A"
PS21965-C
PS21965 / PS21965-A
PS21965 / PS21965-A
DETAIL "B"
DETAIL "B"
PS21965
PS21965-A
DETAIL "A"
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
Z
DETAIL "A"
D
N
O
P
A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
PS21965-C
PS21965-C
X
R
HEATSINK
SIDE
C
E
G
H
J
L
M
DETAIL "B"
E
F
V
K
K


Similar Part No. - PS21965

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21965-4 MITSUBISHI-PS21965-4 Datasheet
179Kb / 10P
600V/20A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21965-4A MITSUBISHI-PS21965-4A Datasheet
179Kb / 10P
600V/20A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21965-4C MITSUBISHI-PS21965-4C Datasheet
179Kb / 10P
600V/20A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21965-4S MITSUBISHI-PS21965-4S Datasheet
130Kb / 8P
600V/20A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21965-4S MITSUBISHI-PS21965-4S Datasheet
135Kb / 8P
Dual-In-Line Package Intelligent Power Module
More results

Similar Description - PS21965

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS21245-E POWEREX-PS21245-E Datasheet
80Kb / 6P
Intellimod??Module Dual-In-Line Intelligent Power Module (20 Amperes/600 Volts)
PS21255-E POWEREX-PS21255-E Datasheet
84Kb / 6P
Intellimod??Module Dual-In-Line Intelligent Power Module 20 Amperes/600 Volts
PS21445-E POWEREX-PS21445-E Datasheet
84Kb / 6P
Intellimod??Module Dual-In-Line Intelligent Power Module (20 Amperes/600 Volts)
PS21455-E POWEREX-PS21455-E Datasheet
84Kb / 6P
Intellimod??Module Dual-In-Line Intelligent Power Module (20 Amperes/600 Volts)
PS21865-P POWEREX-PS21865-P Datasheet
327Kb / 6P
Intellimod??Module Dual-In-Line Intelligent Power Module 20 Amperes/600 Volts
PS21961 POWEREX-PS21961 Datasheet
724Kb / 7P
Dual-In-Line Intelligent Power Module 3 Amperes/600 Volts
PS21962 POWEREX-PS21962 Datasheet
383Kb / 6P
Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS21265-P POWEREX-PS21265-P_10 Datasheet
537Kb / 8P
Dual-In-Line Intelligent Power Module 20 Amperes 600 Volts
PS219B2-AST POWEREX-PS219B2-AST Datasheet
1Mb / 11P
Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS51787 POWEREX-PS51787 Datasheet
460Kb / 4P
Dual-In-Line Intelligent Power Factor Correction Module 20 Amperes/600 Volts
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com