Electronic Components Datasheet Search
  English  ▼

X  

230010 Datasheet(PDF) 1 Page - RUKO GmbH Präzisionswerkzeuge

Part # 230010
Description  Hand taps M DIN 352 HSS, HSS-left-handed thread and HSSE-Co 5 ground
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUKO [RUKO GmbH Präzisionswerkzeuge]
Direct Link  https://ruko.de/en/
Logo RUKO - RUKO GmbH Präzisionswerkzeuge

230010 Datasheet(HTML) 1 Page - RUKO GmbH Präzisionswerkzeuge

  230010 Datasheet HTML 1Page - RUKO GmbH Präzisionswerkzeuge  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
156
156
1.06
60°
DIN
352
ISO2
6H
HSS HSSE
Co 5
M
800
N/mm²
1000
N/mm²
800
N/mm²
HSS
HSSE
Co 5
HSS
M
Ø1
Hand taps M DIN 352 HSS, HSS-left-handed thread
and HSSE-Co 5 ground
Set:
3-piece
Taper tap:
6 - 8-thread chamfer
Second tap:
4 - 5-thread chamfer
Final tap:
2 - 3-thread chamfer
Thread:
metric, DIN ISO 13
Flanks:
relief-ground
Also available individually
Taper tap:
Article no. 230 ......-1
Second tap:
Article no. 230 ......-2
Final tap:
Article no. 230 ......-3
Nominal
thread size
M
Pitch
mm
Thread
core hole
Ø1 mm
L1
mm
L2
mm
Article no.
HSS
Article no.
HSS-left-hand
Article no.
HSSE-Co 5
M 1
0,25
0,75
32,0
5,5
230 010
—
—
M 1,2
0,25
0,95
32,0
5,5
230 012
—
—
M 1,4
0,30
1,10
32,0
7,0
230 014
—
—
M 1,6
0,35
1,25
32,0
7,0
230 016
—
—
M 1,7
0,35
1,35
32,0
8,0
230 017
—
—
M 1,8
0,35
1,45
32,0
8,0
230 018
—
—
M 2
0,40
1,60
36,0
8,0
230 020
—
230 020 E
M 2,2
0,45
1,75
36,0
9,0
230 022
—
—
M 2,3
0,40
1,90
36,0
9,0
230 023
—
—
M 2,5
0,45
2,10
40,0
8,0
230 025
—
—
M 2,6
0,45
2,10
40,0
8,0
230 026
—
—
M 3
0,50
2,50
40,0
10,0
230 030
230 030 Li
230 030 E
M 3,5
0,60
2,90
45,0
12,0
230 035
—
—
M 4
0,70
3,30
45,0
12,0
230 040
230 040 Li
230 040 E
M 4,5
0,75
3,70
50,0
16,0
230 045
—
—
M 5
0,80
4,20
50,0
13,0
230 050
230 050 Li
230 050 E
M 6
1,00
5,00
56,0
15,0
230 060
230 060 Li
230 060 E
M 7
1,00
6,00
56,0
16,0
230 070
—
—
M 8
1,25
6,80
63,0
18,0
230 080
230 080 Li
230 080 E
M 9
1,25
7,80
63,0
22,0
230 090
—
—
M 10
1,50
8,50
70,0
24,0
230 100
230 100 Li
230 100 E
M 11
1,50
9,50
70,0
24,0
230 110
—
—
M 12
1,75
10,20
75,0
29,0
230 120
230 120 Li
230 120 E
M 14
2,00
12,00
80,0
30,0
230 140
230 140 Li
230 140 E
M 15
2,00
13,00
80,0
32,0
230 150
—
—
M 16
2,00
14,00
80,0
32,0
230 160
230 160 Li
230 160 E
M 18
2,50
15,50
95,0
40,0
230 180
230 180 Li
230 180 E
M 20
2,50
17,50
95,0
40,0
230 200
230 200 Li
230 200 E
M 22
2,50
19,50
100,0
40,0
230 220
—
230 220 E
M 24
3,00
21,00
110,0
45,0
230 240
—
230 240 E
M 27
3,00
24,00
110,0
50,0
230 270
—
—
M 30
3,50
26,50
125,0
56,0
230 300
—
—
M 33
3,50
29,50
125,0
56,0
230 330
—
—
M 36
4,00
32,00
150,0
63,0
230 360
—
—
M 39
4,00
35,00
150,0
63,0
230 390
—
—
M 42
4,50
37,50
150,0
63,0
230 420
—
—
M 45
4,50
40,50
160,0
70,0
230 450
—
—
M 48
5,00
43,00
180,0
75,0
230 480
—
—
M 52
5,00
47,00
180,0
75,0
230 520
—
—
Packing unit: set in plastic pack


Similar Part No. - 230010

ManufacturerPart #DatasheetDescription
logo
Littelfuse
23001.5P LITTELFUSE-23001.5P Datasheet
118Kb / 2P
Axial Lead and Cartridge Fuses - Subminiature Glass Body
logo
Huber+Suhner, Inc.
23001317 HUBERSUHNER-23001317 Datasheet
508Kb / 2P
COAXIAL ADAPTER, N - 7/16, 50 Ohm, Panel, jack / jack (female / female), flange mount
logo
Littelfuse
230015 LITTELFUSE-230015 Datasheet
136Kb / 2P
2AG Slo-Blo Fuse
logo
Huber+Suhner, Inc.
23001527 HUBERSUHNER-23001527 Datasheet
532Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight PCB jack (female)
logo
Littelfuse
230015P LITTELFUSE-230015P Datasheet
117Kb / 2P
2AG Slo-Blo Fuse
More results

Similar Description - 230010

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-457 RHOMBUS-IND-L-457 Datasheet
43Kb / 1P
Left-Handed Winding Direction
9/17/02
L-460 RHOMBUS-IND-L-460 Datasheet
32Kb / 1P
Left-Handed Winding Direction
9/17/02
logo
Tyco Electronics
2-1105150-1 MACOM-2-1105150-1 Datasheet
86Kb / 1P
PIN CONTACT SERIES HSS
2-1105151-1 MACOM-2-1105151-1 Datasheet
97Kb / 1P
SOCKET CONTACT SERIES HSS
2-1105870-8 MACOM-2-1105870-8 Datasheet
56Kb / 1P
HTS-DIE SET FOR HSK, HSM AND HSS CONTACTS
2-1104200-3 MACOM-2-1104200-3 Datasheet
39Kb / 1P
Male insert HSS.8 Stifteinsatz HSS.8
2-1104202-3 MACOM-2-1104202-3 Datasheet
39Kb / 1P
Female insert HSS.8 Buchseneinsatz HSS.8
logo
List of Unclassifed Man...
HS40 ETC1-HS40 Datasheet
121Kb / 1P
Tap / Die Set, M3 to M12, HSS
D00471 ETC2-D00471 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
D00469 ETC2-D00469 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com