Electronic Components Datasheet Search
  English  ▼

X  

6223 Datasheet(PDF) 2 Page - Kimberly-Clark Worldwide, Inc.

Part # 6223
Description  WypAll® Reach™ Food & Hygiene Wiping Paper - Centrefeed / Blue - 6223
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KLEENGUARD [Kimberly-Clark Worldwide, Inc.]
Direct Link  https://www.kcprofessional.com/en-gb
Logo KLEENGUARD - Kimberly-Clark Worldwide, Inc.

6223 Datasheet(HTML) 2 Page - Kimberly-Clark Worldwide, Inc.

  6223 Datasheet HTML 1Page - Kimberly-Clark Worldwide, Inc. 6223 Datasheet HTML 2Page - Kimberly-Clark Worldwide, Inc. 6223 Datasheet HTML 3Page - Kimberly-Clark Worldwide, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Core Size (cm)
Centre feed Roll
60
Roll Type
Perforated
1
Yes
Plies
Recycled Fibre(%)
05027375051593
100
Bar Code (Case)
Bleaching Method
0
Elemental Chlorine
Free (ECF)
Virgin Fibre(%)
Technology
Yes
LDC
Embossing/textured
Colour
90
Blue
Detaching Strength(N/m/ply)
Product Specifications
Solution
Efficient Workplace
Helps drive continuous improvement in operational efficiency, safety
and occupational heath for Automotive, Aerospace and Metal
Manufacturing industries.
Standard R+E
Food Contact Regulations
This product is suitable for food contact and complies with Regulation
(EC) No. 1935/2004. Furthermore, nitrile rubber gloves comply with
Regulation (EC) No. 10/2011 and German Recommendation, BfR No.
XXI, and paper products comply with German Recommendation, BfR
No. XXXVI.
Trade
FSC:
F1=FSCMix70%,F2=FSCRec
ycled,F3=FSC100%,F4=FSC
Mix credit
Forest Stewardship Council - Products carrying the Forest
Stewardship Council (FSC) label are independently certified, giving
assurance they come from forests that are managed to meet the
social, economic and ecological needs of present and future
generations. This product is FSC Certified - giving you the assurance
that it is made from or contains wood that comes from FSC certified
forests.
ISO 14001
ISO 14001 is an international environmental standard. Designed to
help organisations ensure that operations comply with environmental
laws, and; major environmental risks and liabilities are properly
identified, minimised and managed.
ISO 9001
This gives the requirements for quality management systems, is now
firmly established as the globally implemented standard for providing
assurance about the ability to satisfy quality requirements and to
enhance customer satisfaction in supplier-customer relationships.
Regulation (EC) No 66/2010
of the European Parliament
The European Ecolabel scheme encourages businesses to market
products and services that are kinder to the environment. Only
products that meet strict environmental standards are entitled to use
the Ecolabel accreditation.
International Standards and Symbols
Unit Of Sale
Net Weight(kg)
Case
4.308
Max Weight(kg)
Case Dimension
(LXWXH)(cm)
4.74
45 x 30 x 18.3
Packaging
Pallet Type
LxWxH (m)
Cases per Layer
Layers per Pallet
Cases per Pallet
S2
1.20 x 1.00 x 1.25
8
6
48
2 / 3
Product Data Sheet for WypAll® Reach™ Food & Hygiene Wiping Paper
- Centrefeed / Blue - 6223



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com