Electronic Components Datasheet Search
  English  ▼

X  

7301 Datasheet(PDF) 1 Page - Kimberly-Clark Worldwide, Inc.

Part # 7301
Description  Floor Stand Wiper Dispenser - Large Roll / Blue - 6154
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KLEENGUARD [Kimberly-Clark Worldwide, Inc.]
Direct Link  https://www.kcprofessional.com/en-gb
Logo KLEENGUARD - Kimberly-Clark Worldwide, Inc.

7301 Datasheet(HTML) 1 Page - Kimberly-Clark Worldwide, Inc.

  7301 Datasheet HTML 1Page - Kimberly-Clark Worldwide, Inc. 7301 Datasheet HTML 2Page - Kimberly-Clark Worldwide, Inc. 7301 Datasheet HTML 3Page - Kimberly-Clark Worldwide, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Long Code
06154000
Customer Facing Code
6154
Description
Kimberly-Clark Professional
™ Floor Stand Wiper
Dispenser - Large Roll / Blue
PDS Reference
23/07/2020
Product Information
Product Description
Create a hygienic, coordinated washroom experience with the Kimberly-Clark Professional
™ dispenser range, designed to
work in perfect harmony with the trusted and familiar Kleenex® and Scott® brands. These washroom dispensers are designed
to support hygiene standards and deliver an exceptional washroom solution suited to your workplace hygiene needs.
For workplaces where the strictest hygiene standards are required, choose the Kimberly-Clark Professional
™ floor standing
large roll wiper dispenser. The blue, tubular steel, blue roll dispenser is perfect for promoting workplace hygiene in busy food
areas. This free-standing dispenser allows wipers and hand towels to be dispensed quickly and easily from a large roll. The
portable dispenser is mobile, so it has the flexibility to be moved around the workplace.
This Kimberly-Clark dispenser is compatible with a variety of Kimberly-Clark Professional
™, Kimtech™ and WypAll® blue roll,
wipers and hand towels: Kimberly-Clark Professional
™ (product codes 38664 and 38666); Kimtech™ (product codes 7623 and
7643
); WypAll® (product codes 47658, 6036, 6063, 7140, 7153, 7200, 7202, 7210, 7214, 7224, 7238, 7240, 7241, 7247, 7248,
7249, 7300, 7301, 7317, 7331, 7356, 7359, 7425, 7426, 7452, 7454, 7472, 7473, 7474, 7476, 7477, 8356, 8371, 8374, 8377,
8384, 8389 and 12889). The dispenser measures: 96cm (L) x 51.50cm (W) x 55cm (D). 1 x Kimberly-Clark Professional
™
Floor Stand Large Roll Wiper Dispenser - Blue
Case Contents
6154: 1 Dispenser
Outer Pack Material
Corrugated
Packaging Configuration
Icon
Dimension
Weight(kg)
96.00
x
51.50
x
55.00
Length x Width x Height(cm)
Dispensing Format
Large roll
Rolled Wiper
Roll Type
Power Source
Steel
Manual
Material
Bar Code (Case)
Manual Pull
05027375021947
Dispensing Mechanism
Blue
Colour
Product Specifications
Product Data Sheet for Kimberly-Clark Professional
™ Floor Stand Wiper Dispenser - Large Roll / Blue - 6154
•
One blue Kimberly-Clark
Professional
™ floor standing
large roll wiper dispenser
•
A mobile, free-standing blue roll
dispenser that can be moved
around the workplace
•
Blue, tubular steel Kimberly-
Clark dispenser for large wiper
rolls in busy environments
•
Our portable dispenser is ideal
for use in busy food areas,
where the strictest hygiene
standards are required
•
Compatible with a variety of
Kimberly-Clark Professional
™,
WypAll® and Kimtech® blue roll,
wipers and hand towels
Product Features
1 / 3


Similar Part No. - 7301

ManufacturerPart #DatasheetDescription
logo
Coto Technology
7301 COTO-7301 Datasheet
1Mb / 4P
7000 SERIES/HIGH RELIABILITY REED RELAYS
logo
C&K Components
7301 CK-COMPONENTS-7301 Datasheet
1Mb / 22P
Miniature Rocker Lever Handle Switches
logo
Heyco.
7301 HEYCO-7301 Datasheet
132Kb / 1P
Female Pin Connectors
logo
Mitutoyo America Corpor...
7301 MITUTOYO-7301 Datasheet
95Kb / 1P
Dial Thickness Gages
logo
Pomona Electronics
73010 POMONA-73010 Datasheet
148Kb / 2P
MCX JACK STRAIGHT CRIMP, RG174, 316
More results

Similar Description - 7301

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
JA3502 HONGFA-JA3502 Datasheet
37Kb / 1P
WIPER CONTROLLER
JA3507A HONGFA-JA3507A Datasheet
39Kb / 1P
WIPER CONTROLLER
logo
List of Unclassifed Man...
U840A ETC2-U840A Datasheet
57Kb / 1P
TOILET TISSUE DISPENSER
logo
Advantech Co., Ltd.
UTC-WALL-MOUNT1E ADVANTECH-UTC-WALL-MOUNT1E Datasheet
533Kb / 1P
UTC Series Floor Stand & Wall Mount
UTC-WALL-MOUNT2E ADVANTECH-UTC-WALL-MOUNT2E Datasheet
533Kb / 1P
UTC Series Floor Stand & Wall Mount
UTC-WALL-MOUNT3E ADVANTECH-UTC-WALL-MOUNT3E Datasheet
533Kb / 1P
UTC Series Floor Stand & Wall Mount
logo
Tripp Lite. All Rights ...
DMCS3270XP TRIPPLITE-DMCS3270XP Datasheet
163Kb / 3P
Mobile Flat/Curved Panel Floor Stand - 32??to 70??TVs and Monitors
DMCS3770L TRIPPLITE-DMCS3770L Datasheet
162Kb / 3P
Mobile Flat-Panel Floor Stand - 37??to 70??TVs and Monitors - Classic Edition
logo
PHOENIX CONTACT
1014401 PHOENIX-1014401 Datasheet
41Kb / 2P
Label dispenser - THERMOMARK ROLL X1 -DISPENSER
logo
List of Unclassifed Man...
SL101N ETC-SL101N Datasheet
503Kb / 1P
Digital Dispenser
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com