Electronic Components Datasheet Search
  English  ▼

X  

CB231 Datasheet(PDF) 1 Page - Honeywell Miller

Part # CB231
Description  Round Cable Stripper
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILLER [Honeywell Miller]
Direct Link  
Logo MILLER - Honeywell Miller

CB231 Datasheet(HTML) 1 Page - Honeywell Miller

  CB231 Datasheet HTML 1Page - Honeywell Miller CB231 Datasheet HTML 2Page - Honeywell Miller  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RCS
Round Cable Stripper
Note: This tool is a manually operated cutting device designed for fast, safe and precise jacket removal of PE,
PVC and Rubber jackets.
RCS 114 is designed to strip cables from .178”(4.5mm) to 1.14”(29mm) diameters.
RCS 158 is designed to strip cables from .75”(19mm) to 1.58”(40mm) diameters.
.
RCS 114
RCS 158
Operating Instructions
Step 1. (Fig. 1) Adjust the cutting depth of the
blade to the insulation thickness by rotating the
knurled head (A).
Fig. 1
(A)
Step 2. (Fig. 2) With thumb on the back of upper jaw frame
(B), push upper jaw outward, insert cable at desired position
and release upper jaw.
(B)
Fig.2
Step 3. (Fig. 3) The first cut will be a rotary cut
around the cable.
Fig. 3
Step 4. (Fig.4) For a longitudinal cut, twist the tool handle
1/4 turn to the right and pull toward the end of cable.
Note: Maintain this tool position by placing the thumb on the
side of the upper jaw frame (C).
Fig.4
(C)
Warning: Never use this tool on live electrical circuits; it is not insulated against electrical shock. Always use
OSHA/ANSI or other industry approved eye protection when using tools. This tool is not to be used for purposes
other than intended. Please read and understand instructions before operating this tool.
Both end and mid-span
stripping made easy
Prepares a rotary
cut around the
cable, then choice of
longitudinal or
spiral strip


Similar Part No. - CB231

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CB230 MARKTECH-CB230 Datasheet
347Kb / 4P
Generation II LEDs
logo
Chip Integration Techno...
CB230WSG-ST CITC-CB230WSG-ST Datasheet
155Kb / 4P
2A Trench Schottky Rectifier
logo
Marktech Corporate
CB230 MARKTECH-CB230_15 Datasheet
347Kb / 4P
Generation II LEDs
logo
TAITRON Components Inco...
CB2321T110 TAITRON-CB2321T110 Datasheet
210Kb / 6P
1.0A Surface Mount Bridge Rectifier
CB2321T12 TAITRON-CB2321T12 Datasheet
210Kb / 6P
1.0A Surface Mount Bridge Rectifier
More results

Similar Description - CB231

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D01021 ETC2-D01021 Datasheet
94Kb / 1P
Cable Stripper Number 4 - 28
logo
Tripp Lite. All Rights ...
T100-001 TRIPPLITE-T100-001 Datasheet
474Kb / 1P
RJ11/RJ12/RJ45 Crimping Tool with Cable Stripper
logo
Rosenberger Hochfrequen...
60W010-C02 ROSENBERGER-60W010-C02 Datasheet
199Kb / 2P
CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
60W010-C09 ROSENBERGER-60W010-C09 Datasheet
200Kb / 2P
CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
60W010-C06 ROSENBERGER-60W010-C06 Datasheet
167Kb / 2P
CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
logo
Hubbell Incorporated.
TCS3 HUBBELL-TCS3 Datasheet
231Kb / 1P
Communications Cable Stripper/Cutter
logo
Pepperl+Fuchs Inc.
VAZ-FK-S-STRIPPER PF-VAZ-FK-S-STRIPPER Datasheet
99Kb / 1P
Cable stripper
2007-11-07
logo
Molex Electronics Ltd.
0638171600 MOLEX-0638171600 Datasheet
42Kb / 1P
Cable Stripper for Sensor / Actuator Cables, 4.40-7.00mm Cable Diameter
08/26/2022
0638171700 MOLEX-0638171700 Datasheet
39Kb / 1P
Multi-Use Cable Stripper for Round and Flat Cables
08/26/2022
logo
Carl Kammerling Interna...
T1260 CARL-T1260 Datasheet
103Kb / 1P
Automatic Cable & Wire Stripper
27 Jun 2019 10:25AM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com