Electronic Components Datasheet Search
  English  ▼

X  

36088 Datasheet(PDF) 1 Page - MENDA

Part # 36088
Description  CONDUCTIVE BRUSHES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA

36088 Datasheet(HTML) 1 Page - MENDA

  36088 Datasheet HTML 1Page - MENDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2018 DESCO INDUSTRIES INC.
Employee Owned
3651 WALNUT AVE., CHINO, CA 91710
PHONE: (909) 627-2453
WEBSITE: MendaPump.com
DRAWING
NUMBER
35690
DATE:
January
2018
CONDUCTIVE BRUSHES
Characteristics:
• Brushes minimize static charge generation and remove electrostatic charges to ground
when held by grounded personnel
• Dissipative polypropylene black handles remove charges when grounded
• Available in two kinds of bristles - semi fine, firm
• Semi-fine bristles are ideal for chemical and electronics applications
• Firm bristles are mainly for electronics, especially circuit boards
• Conductive handle’s ESD properties are not effected by humidity as are wooden handle
brushes
• Conductive copper based nylon bristles with hog hair and two other natural fibers.
• Volume Resistance of conductive fibers:
1 x 103 to < 1 x 105 ohms per ANSI/ESD STM11.12
• Volume Resistance of dissipative handle:
1 x 104 to < 1 x 1011 ohms per ANSI/ESD STM11.12
Materials:
•
Firm bristles - conductive yarn and pig hair
•
Semi-fine bristles - conductive yarn and horse hair
Item
Style
Bristle Hardness Bristle Dimensions
35690
Round
Firm
1/4" L (6 mm) x 13/20" H (17 mm)
35691
Long Handle
Firm
1" L (25 mm) x 51/64" H (20 mm) x 19/32" W (15 mm)
35692
Long Handle
Firm
2" L (50 mm) x 51/64" H (20 mm) x 19/32" W (15 mm)
35693
Flat
Firm
2" L (50 mm) x 1" H (6 mm) x 5/9" W (14 mm)
35694
Flat
Semi-Fine
1/2" L (13 mm) x 3/4" H (19 mm) x 2/5" W (10 mm)
35695
Curved Handle
Firm
3” L (76 mm) x 3/4” H (19 mm) x 1 1/2” W (38 mm)
35696
Flat
Firm
1/2” L (13 mm) x 3/5” H (15 mm) x 1/2” W (13 mm)
36086
Flat
Firm
3/4” L (19 mm) x 3/4” H (19 mm) x 4/5” W (20 mm)
36087
Flat
Firm
3/4” L (19 mm) x 3/4” H (19 mm) x 1” W (6 mm)
36088
Flat
Firm
1-1/2” L (38 mm) x 1-1/2” H (38 mm) x 1-1/2” W (38 mm)
ESD Handbook TR20.20 Table 1 lists under Typical Static Electricity Sources
“Brushes (camel/pig hair and synthetic bristles).” “It should be understood
that any object, item, material or person could be a source of static electricity
in the work environment. Removal of unnecessary nonconductors, replacing
nonconductive materials with dissipative or conductive materials and grounding
all conductors are the principle methods of controlling static electricity in the
workplace, regardless of the activity.” (TR 20.20 section 2.4)
Specifications and procedures subject to change without notice.
Unless otherwise noted, tolerance is ±10%.
Synthetic vs. Natural Bristles
Synthetic bristles can easily become charged with static in standard humidity conditions.
Natural hair usually builds static in areas of low humidity, but due to the conductive fibers in our brushes,
this problem does not take effect.
Generally speaking, once the conductive yarn is added to the bristles, it neutralizes the possibility of static
build up caused by the natural hair.
Made in Israel
35690
35691
35692
35693
35694
35695
35696
36086
36088
36087
Dimensions are taken from the bottom of the brush to the top of the bristles.


Similar Part No. - 36088

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3608 ETC2-3608 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
logo
Heyco.
3608 HEYCO-3608 Datasheet
153Kb / 1P
Cable Holders - Adhesive Back Mount
logo
ASSUN MOTOR Pte Ltd.
3608 ASSUN-3608 Datasheet
340Kb / 1P
HIGH POWER SERIES
2023
logo
VOMM GmbH
3608 VOMM-3608 Datasheet
680Kb / 1P
Transistorpinzetten / Transistor tweezers / Pinzetten mit feiner Spitze / Tweezers with fine tips
logo
Clarke International
3608005 CLARKE-3608005 Datasheet
3Mb / 16P
WORKBENCH WITH BACK PANEL & DRAWER
DL0822 - Rev 2
More results

Similar Description - 36088

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FCP12AC ETC1-FCP12AC Datasheet
149Kb / 2P
Conductive Plastic
FFP12A ETC2-FFP12A Datasheet
21Kb / 1P
Conductive Plastic
logo
Bi technologies
P090L BITECH-P090L_12 Datasheet
70Kb / 3P
Conductive Plastic Element
logo
Grayhill, Inc
96AB2-102-FS-EL GRAYHILL-96AB2-102-FS-EL Datasheet
201Kb / 4P
Conductive Rubber
logo
List of Unclassifed Man...
LTE-90 ETC2-LTE-90 Datasheet
513Kb / 1P
Techsil Conductive Elastomer
LTE-85 ETC2-LTE-85 Datasheet
372Kb / 1P
Techsil Conductive Elastomer
LTE-70 ETC2-LTE-70 Datasheet
372Kb / 1P
Techsil Conductive Elastomer
logo
Laird Tech Smart Techno...
NCE250 LSTD-NCE250 Datasheet
398Kb / 1P
Non-conductive
logo
Anaren Microwave
PD6080J5050S2HF ANAREN-PD6080J5050S2HF Datasheet
368Kb / 5P
Non-conductive Surface
logo
Grayhill, Inc
96 GRAYHILL-96 Datasheet
691Kb / 4P
Conductive Rubber
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com