Electronic Components Datasheet Search
  English  ▼

X  

TLE4964-4M Datasheet(PDF) 44 Page - Infineon Technologies AG

Part # TLE4964-4M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4964-4M Datasheet(HTML) 44 Page - Infineon Technologies AG

Back Button TLE4964-4M Datasheet HTML 40Page - Infineon Technologies AG TLE4964-4M Datasheet HTML 41Page - Infineon Technologies AG TLE4964-4M Datasheet HTML 42Page - Infineon Technologies AG TLE4964-4M Datasheet HTML 43Page - Infineon Technologies AG TLE4964-4M Datasheet HTML 44Page - Infineon Technologies AG TLE4964-4M Datasheet HTML 45Page - Infineon Technologies AG TLE4964-4M Datasheet HTML 46Page - Infineon Technologies AG TLE4964-4M Datasheet HTML 47Page - Infineon Technologies AG TLE4964-4M Datasheet HTML 48Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 91 page
background image
44
Features
› Features a differential or single-ended analog interface
for sine and cosine values
› Internal temperature drift compensation for gain and offset
› Also available as a dual-sensor package
› ISO 26262 ready
› Available as single and dual die product
1) More information on PRO-SIL™, see page 88
TLE5109A16(D)
Analog iAMR sensor with temperature compensation
1)
cos
sin
X
Y
S
N
TLE5012B, TLE5012B(D)
iGMR sensor with integrated angle calculation and multiple interfaces
iGMR based angle sensors
iAMR based angle sensors
1)
Features
› Integrated angle calculation with CORDIC algorithm
› 15-bit representation of calculated angle value
› High update rate up to 43 µs (23 kHz)
› Range of selectable interfaces
› SPI compatible Synchronous Serial Communication (SSC)
› Bi-directional communication up to 8 Mbit/s
› Pulse Width Modulation (PWM)
› Hall Switch Mode (HSM) for motor commutation
› Incremental Interface (IIF)
› Temperature compensation and auto-calibration algorithm
› Diagnostic function for sensor elements and circuitry with PRO-SIL™ support
› Dual die SMD package (redundancy)
› ISO 26262 ready
› Available as single and dual die product
Applications
› Steering angle
› Brushless DC motor commutation (for example Electric Power Steering (EPS))
› Rotary switches
› General angular sensing
› Incremental or absolute magnetic encoders
› Gimbals, drones, robots
S
N
X
SPI
Y
A/D
A/D
www.infineon.com/angle-sensors
Angle sensors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com