Electronic Components Datasheet Search
  English  ▼

X  

RLC03 Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # RLC03
Description  ECONOMICAL FORCE OR TORQUE INDICATORS WITH REMOTE SENSORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

RLC03 Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  RLC03 Datasheet HTML 1Page - Omega Engineering, Inc. RLC03 Datasheet HTML 2Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F-1
F
z
I
R
ECONOMICAL FORCE OR TORQUE
INDICATORS WITH REMOTE SENSORS
U
Interchangeable Force
and Torque Sensors
U
High Speed 2000 Hz
Sampling rate
U
Ultra-Compact Size
U
4 Selectable Units of
Measure
U
Load Cells Available
in Ranges from 0.25 to
10,000 lb
U
Torque Sensors for 10
oz-in to 100 lb-in Ranges
U
USB Data Output
U
Programmable SetPoints
with Pass/Fail Indicators
U
Large Backlit
Graphics Display
U
Live Load Bargraph with
Set Point Markers
U
Peak Readings and Set
Points Always Displayed
The DFG-RS3 is an economical
digital force and torque indicator that
works with a wide variety of plug and
play force and torque sensors. All
calibration and configuration data is
stored in the sensors smart connec-
tor instead of the indicator making
the sensors truly interchangeable.
In addition all of the remote sensors
are also fully compatible with the
advanced DFG-RS5 force/torque
indicators.
A variety of interchangeable force
and torque sensors are available for
use with the RS3 series. Sensors
are available in a range of capacities
from 0.25 to 10,000 pounds force for
load cells and 10 oz-in to 100 lb-in
for torque sensors. In addition to the
pre-calibrated sensors the DFG-RSA
programmable adapter allows the
end user to calibrate most bridge
type force or torque sensor with a
1 to 3 mV/V full scale output to work
with the DFG-RS3.
DFG-RS3 shown
with DFG-RSA, sold
separately, shown
smaller than actual size.
DFG-RSA smaller
than actual size.
DFG-RS3
The RS3 series also shares menu
structure and most specifications
with the DFG35/HHTQ35 force and
torques gauges. A backlit graphic
LCD displays large characters and
a menu is available to access the
gauges features and configurable
parameters. Units also have a USB
output for data collection and set-
point indicators for pass-fail testing.
SPECIFICATIONS
Accuracy: 0.2% of full scale + sensor
Power: Rechargeable battery or AC
using adapter (batteries and adapter
included)
Battery Life: Up to 7 hours continuous
use with backlight on or 24 hours with
backlight off
Low Battery: Multi-step low battery
indicator is displayed, gauge shuts off
automatically when power is too low
Configurable Settings: Digital filters,
USB output, automatic Shutoff, default
settings, key tones, audio alarms ,
calibration
USB Output: Individual data points by
pressing the “DATA” key. Configurable to
115,200 baud
Operating Temperature: 4 to 38°C
(40 to 100°F)
Humidity: 96% RH non-condensing
Dimensions: 99.1 H x 64.3 W x 38.1 mm D
(3.90 x 2.53 x 1.50")
Weight: 0.3 kg (0.7 lb)
SENSOR COMMON
SPECIFICATIONS
Operating Temperature: 5 to 38°C
(40 to 100°F)
Operating Humidity:
96% non-condensing maximum
LOAD CELLS
Safe Overload: 150% of full scale
(200% for RLC03-025, RLC03-2 and
RLC04 series)
TORQUE SENSORS
Safe Overload: 150% of full scale
(300% for RTQ50-10Z, RTQ50-50Z)
Chuck Opening: RTQ50-10Z and
RTQ50-50Z – 0.062 to 0.375"
RTQ50-12, RTQ50-100 – 0.078 to 0.5"
Calibrates remote
sensor to meter.
See our full line of
remote sensors RLC
and RTQ series.


Similar Part No. - RLC03

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
RLC-IMS-61-050-0 POWERINT-RLC-IMS-61-050-0 Datasheet
640Kb / 4P
6-pin Connection Cable for Railway Line gate driver family
May 2021
RLC-PSI-41-050-0 POWERINT-RLC-PSI-41-050-0 Datasheet
689Kb / 4P
Connection Cable
May 2021
logo
Vishay Siliconix
RLC100 VISHAY-RLC100 Datasheet
230Kb / 6P
Ceramic Disc Capacitors, Class 1
31-Jan-06
RLC110 VISHAY-RLC110 Datasheet
230Kb / 6P
Ceramic Disc Capacitors, Class 1
31-Jan-06
RLC120 VISHAY-RLC120 Datasheet
230Kb / 6P
Ceramic Disc Capacitors, Class 1
31-Jan-06
More results

Similar Description - RLC03

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IS1U621 SHARP-IS1U621 Datasheet
46Kb / 5P
Sensors for Remote Control
logo
List of Unclassifed Man...
FSL05N2C ETC1-FSL05N2C Datasheet
160Kb / 4P
Force Sensors Series FS Non-compensated Force Range 0 to 500 g
010188 ETC2-010188 Datasheet
554Kb / 2P
A solid moulded core with soft outer grip, less force, yet achieves 40% more torque
068400 ETC2-068400 Datasheet
71Kb / 1P
Torque, Angle & Force Analyzer with ARCII Technology
logo
Honeywell Solid State E...
FS01 HONEYWELL-FS01 Datasheet
132Kb / 4P
Pressure Sensors FS01/FS03 Force Sensors
FS03 HONEYWELL-FS03 Datasheet
132Kb / 4P
Pressure Sensors FS01/FS03 Force Sensors
logo
List of Unclassifed Man...
K30LGRYPQ ETC2-K30LGRYPQ Datasheet
2Mb / 5P
DC-Operated LED Indicators with Two or Three Colors
logo
Banner Engineering Corp...
Q45UR BANNER-Q45UR Datasheet
357Kb / 10P
Q45UR Remote Ultrasonic Sensors
logo
Keystone Electronics Co...
2460 KEYSTONE-2460 Datasheet
450Kb / 1P
Economical design, available with PC terminals or wire leads
logo
KISTLER INSTRUMENT CORP...
9306A KISTLER-9306A Datasheet
1Mb / 5P
6-Axis Force/Torque Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com