Electronic Components Datasheet Search
  English  ▼

X  

PHAP33 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PHAP33
Description  Tact switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHAP33 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button PHAP33 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHAP33 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHAP33 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHAP33 Datasheet HTML 7Page - List of Unclassifed Manufacturers PHAP33 Datasheet HTML 8Page - List of Unclassifed Manufacturers PHAP33 Datasheet HTML 9Page - List of Unclassifed Manufacturers PHAP33 Datasheet HTML 10Page - List of Unclassifed Manufacturers PHAP33 Datasheet HTML 11Page - List of Unclassifed Manufacturers PHAP33 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
C-10
APEM
www.apem.com
PHAP33 series
SMT tact switches
Microminiature - Low profile - 6,1 x 3,7 mm case
C
PACKAGING
4.00
2.00
(.079)
(.709)
2.00
(.079)
(.157)
18.00
Ø13.00
(.512 DIA)
Ø330.00
(13.00 DIA)
LABEL
(.059 DIA)
Ø1.50
(.110)
2.80
(.314)
8.00
Flat terminals
(.098)
2.50
3.70
(.146)
0.60
(.024)
(.047)
1.20
2
1
1.40
(.055)
2
1
Model No
PHAP3365R
Operating force : 1,8N ± 0,5N - Travel : 0,25 mm
• Ultra-compact size for board space saving : 6,1 x 3,7 mm case,
2,5 mm button height from PCB
• Available with flat or bent terminals
Quantity per reel : 3.000 pieces
Bent terminals
1
2
(.055)
1.40
1
2
1.20
(.047)
(.024)
0.60
(.146)
3.70
2.50
(.098)
Model No
PHAP3366R
Operating force : 1,8N ± 0,5N - Travel : 0,25 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com