Electronic Components Datasheet Search
  English  ▼

X  

PHAP3301 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # PHAP3301
Description  Tact switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHAP3301 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button PHAP3301 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHAP3301 Datasheet HTML 7Page - List of Unclassifed Manufacturers PHAP3301 Datasheet HTML 8Page - List of Unclassifed Manufacturers PHAP3301 Datasheet HTML 9Page - List of Unclassifed Manufacturers PHAP3301 Datasheet HTML 10Page - List of Unclassifed Manufacturers PHAP3301 Datasheet HTML 11Page - List of Unclassifed Manufacturers PHAP3301 Datasheet HTML 12Page - List of Unclassifed Manufacturers PHAP3301 Datasheet HTML 13Page - List of Unclassifed Manufacturers PHAP3301 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
C-12
APEM
www.apem.com
PHAP33 series
Through-hole tact switches
Microminiature - 6 x 3,5 mm case
C
Horizontal mounting
• Ultra-compact size for board space saving : 6 x 3,5 mm case,
4,3 or 5 mm button height from PCB
• Crimped terminals for direct mounting onto PCB
• Moulded-in terminals for wave soldering
Straight terminals
(.012)
6.50
(.311)
7.90
(.256)
1.00
(.039)
1.50
(.059)
3.50
(.138)
0.30
3.00
(.118)
6.00
(.236)
(.049 DIA)
Ø1.25
1
2
1
2
Model No
Model No
Dim. «L»
PHAP3362
4,3 mm
PHAP3362A
5,0 mm
3.72
(.146)
0.30
(.012)
(.057)
1.45
1.00
(.276)
7.00
5.00
(.197)
2.50
(.098)
(.039)
(.020)
0.50
(.012)
0.30
(.039 DIA)
Ø1.00
(.232)
5.90
Ø1.30
(.051 DIA)
(.098)
2.50
1
2
4
3
2
1
3
4
PHAP3363
Operating force : 1,8N ± 0,5N - Travel : 0,25 mm
Operating force : 1,8N ± 0,5N - Travel : 0,25 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com