Electronic Components Datasheet Search
  English  ▼

X  

PHAP3302 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PHAP3302
Description  Tact switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHAP3302 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PHAP3302 Datasheet HTML 1Page - List of Unclassifed Manufacturers PHAP3302 Datasheet HTML 2Page - List of Unclassifed Manufacturers PHAP3302 Datasheet HTML 3Page - List of Unclassifed Manufacturers PHAP3302 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHAP3302 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHAP3302 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHAP3302 Datasheet HTML 7Page - List of Unclassifed Manufacturers PHAP3302 Datasheet HTML 8Page - List of Unclassifed Manufacturers PHAP3302 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
APEM
www.apem.com
C-3
PHAP33 series
Tact switches
Distinctive features and specifications
C
Current/voltage rating
Contact resistance
50mA 12VDC
100 mΩ max.
Insulation resistance
100 MΩ min.
Dielectric strength
250 VAC min. (1 minute)
Electrical life (cycles)
70.000
75.000
Operating force
1,6N ± 0,5N
1,6N +0,5/-0,3N
1,8N ± 0,5N
1,6N ± 0,5N
2N ± 0,3N
1,6N ± 0,5N
Travel
0,20/ 0,25 mm
Operating temperature
-20°C to +70°C
-30°C to +80°C
10-500 Hz / 10 g
Wave soldering
255°C for 5 seconds max.
0,25 mm
0,25 mm
0,25 mm
0,50 mm
0,30 mm
Storage temperature
Vibrations
IR reflow soldering
240°C for 20 seconds max.
-
Manual soldering
300°C for 3 seconds max.
30.000
100.000
100.000
100.000
PHAP3381
PHAP3382
PHAP3383
PHAP3384
PHAP3390
PHAP3391
PHAP3371
PHAP3372
PHAP3373
PHAP3374
PHAP3378
PHAP3355
PHAP3361
PHAP3362
PHAP3363
PHAP3365
PHAP3366
PHAP3301
PHAP3302
PHAP3303
PHAP3305
PHAP3306
PHAP3307
PHAP3308
PHAP3368
PHAP3350
PHAP3351
PHAP3352
PHAP3353
PHAP3320
PHAP3321
Models
Performances
Dimensions
: First dimensions are in mm while inches are shown as bracketted numbers.
Packaging unit
: 1.000 pieces and multiples, except for tape and reel packaging (see following pages).
❑
❑
Wide range of case formats
❑
❑
SMT and through-hole models
❑
❑
Normally closed models available


Similar Part No. - PHAP3302

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHAP4383V ETC2-PHAP4383V Datasheet
272Kb / 2P
Momentary or latching action key switches
PHAP4673 ETC2-PHAP4673 Datasheet
272Kb / 2P
Momentary or latching action key switches
PHAP4683 ETC2-PHAP4683 Datasheet
272Kb / 2P
Momentary or latching action key switches
logo
APEM
PHAP5-10 APEM-PHAP5-10 Datasheet
1Mb / 4P
Tact switches • 3.5 x 6 mm standard package
PHAP5-10RA2A2S2N2 APEM-PHAP5-10RA2A2S2N2 Datasheet
1Mb / 4P
Tact switches • 3.5 x 6 mm standard package
More results

Similar Description - PHAP3302

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1107 E-SWITCH-TL1107 Datasheet
278Kb / 2P
TACT SWITCHES
TL3300 E-SWITCH-TL3300 Datasheet
194Kb / 2P
TACT SWITCHES
320 E-SWITCH-320 Datasheet
327Kb / 3P
TACT SWITCHES
TL1150 E-SWITCH-TL1150 Datasheet
94Kb / 1P
TACT SWITCHES
logo
Highly Electric Co., Lt...
PB614 HIGHLY-PB614 Datasheet
2Mb / 5P
TACT SWITCHES
PB617 HIGHLY-PB617 Datasheet
1Mb / 3P
TACT SWITCHES
TP6141 HIGHLY-TP6141 Datasheet
1Mb / 2P
TACT SWITCHES
TP6149T HIGHLY-TP6149T Datasheet
952Kb / 2P
TACT SWITCHES
TP6152 HIGHLY-TP6152 Datasheet
1Mb / 3P
TACT SWITCHES
TP617 HIGHLY-TP617 Datasheet
823Kb / 2P
TACT SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com