Electronic Components Datasheet Search
  English  ▼

X  

ERA Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERA
Description  Metal Film (Thin Film) Chip Resistors, High Reliability Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERA Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERA Datasheet HTML 1Page - Panasonic Semiconductor ERA Datasheet HTML 2Page - Panasonic Semiconductor ERA Datasheet HTML 3Page - Panasonic Semiconductor ERA Datasheet HTML 4Page - Panasonic Semiconductor ERA Datasheet HTML 5Page - Panasonic Semiconductor ERA Datasheet HTML 6Page - Panasonic Semiconductor ERA Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
● High reliability
: Stable at high temperature and humidity
(85
℃ 85 %RH rated load, Category temperature range : –55 ℃ to +155 ℃)
● High accuracy
: Low resistance tolerance and Temperature Coefficient of Resistance
● High performance
: Low current noise, excellent linearity
● Reference standard
: IEC 60115-8, JIS C 5201-8, JEITA RC-2133C
● AEC-Q200 compliant
● RoHS compliant
■ As for packaging methods, land pattern, soldering conditions and safety precautions,
please see data files.
Note : Please check the "Ratings" for the presence/absence of part numbers for combinations of the symbols below.
● E24 series
● E96 series and other Resistance values
Note : Duplicated resistance values as E24 series part umbers shall follow E24 part numbers.
(apply three digit resistance value)
High Reliability Type
Metal Film (Thin Film) Chip Resistors,
Features
Explanation of part numbers
ERA A type
ERA 1A, 2A, 3A, 6A, 8A series
Punched carrier taping
4 mm pitch, 5,000 pcs
Punched carrier taping
2 mm pitch, 10,000 pcs
Pressed carrier taping
2 mm pitch, 15,000 pcs
Thin film
chip resistors
Code
Product code
Size, Power rating
Temp. coef
ficient
3A
0603
0.1 W
E
±25×10-6/K
2A
0402
0.063 W
P
±15×10-6/K
Thin film
chip resistors
Resistance value
Packaging methods
Code
±10×10-6/K
T.C.R.
W
±0.05 %
C
ERA1A
inch size Power rating
Code inch size
6A
0805
0.125 W
Size, Power rating
Temp. coef
ficient
Resistance value
Part No.
8A
1206
0.25 W
1A
0201
0.05 W
R
Resistance tolerance
Code
Tolerance
Code
Resistance tolerance
Code
Tolerance
B
±0.1 %
±0.25 %
H
±50×10-6/K
D
±0.5 %
C
Product Code
Code
0.05 W
R
±10×10-6/K
Consist of three
figures
for E24 series resistance
value.
The
first two digits are
signi
ficant figures of
resistance and the third
one denotes number of
zeros following.
(example) 102 : 1 kΩ
X
ERA2A
ERA3A
ERA6A
ERA8A
Packaging
Part No.
K
±100×10-6/K
V
Power rating
C
6A
0805
0.125 W
Packaging methods
T.C.R.
Code
Packaging
3A
0603
0.1 W
E
±25×10-6/K
C
P
±15×10-6/K
B
Consist of four
figures for
E96 series resistance
value.
The
first three digits are
signi
ficant figures of
resistance and the fourth
one denotes number of
zeros following.
(example)
1051 : 1.05 kΩ
ERA1A
2A
0402
0.063 W
±0.1 %
1A
0201
H
±50×10-6/K
D
W
±0.05 %
Pressed carrier taping
2 mm pitch, 15,000 pcs
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
24-Apr-24
ERA3A
ERA6A
ERA8A
±0.5 %
8A
1206
0.25 W
K
±100×10-6/K
V
Punched carrier taping
4 mm pitch, 5,000 pcs
Punched carrier taping
2 mm pitch, 10,000 pcs
±0.25 %
X
ERA2A
1
2
3
4
5
6
7
8
9
10
11
E
R
A
3
A
E
B
1
0
2
V
1
2
3
4
5
6
7
8
9
10
11
12
E
R
A
3
A
E
B
1
0
5
1
V


Similar Part No. - ERA

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ERA MINI-ERA Datasheet
79Kb / 2P
MONOLITHIC AMPLIFIERS 50??BROADBAND DC to 8 GHz
logo
Panasonic Semiconductor
ERA PANASONIC-ERA Datasheet
537Kb / 7P
Metal Film (Thin Film) Chip Resistors, High Reliability Type
1-Jul-21
logo
Mini-Circuits
ERA-1 MINI-ERA-1 Datasheet
79Kb / 2P
MONOLITHIC AMPLIFIERS 50??BROADBAND DC to 8 GHz
ERA-1+ MINI-ERA-1+ Datasheet
122Kb / 1P
AMPLIFIERS
logo
Panasonic Semiconductor
ERA-14EB PANASONIC-ERA-14EB Datasheet
196Kb / 2P
Surface Mount Chip Resistors
More results

Similar Description - ERA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA-2AED102X PANASONIC-ERA-2AED102X Datasheet
77Kb / 2P
Metal Film Thin Film Chip Resistors High Reliability Type
ERA-8AEB2491V PANASONIC-ERA-8AEB2491V Datasheet
77Kb / 2P
Metal Film Thin Film Chip Resistors High Reliability Type
ERA-3AEB3921V PANASONIC-ERA-3AEB3921V Datasheet
67Kb / 2P
Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-3AEB9761V PANASONIC-ERA-3AEB9761V Datasheet
80Kb / 2P
Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-3AEB153V PANASONIC-ERA-3AEB153V Datasheet
80Kb / 2P
Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-3AEB304V PANASONIC-ERA-3AEB304V Datasheet
80Kb / 2P
Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-3AEB433V PANASONIC-ERA-3AEB433V Datasheet
80Kb / 2P
Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-2AEB103X PANASONIC-ERA-2AEB103X Datasheet
81Kb / 2P
Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-6ARB113V PANASONIC-ERA-6ARB113V Datasheet
81Kb / 2P
Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-6AEB514V PANASONIC-ERA-6AEB514V Datasheet
64Kb / 2P
Metal Film (Thin Film) Chip Resistors, High Reliability Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com