Electronic Components Datasheet Search
  English  ▼

X  

PC924X Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC924X
Description  OPIC Photocoupler for IGBT Drive of Inverter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC924X Datasheet(HTML) 1 Page - Sharp Corporation

  PC924X Datasheet HTML 1Page - Sharp Corporation PC924X Datasheet HTML 2Page - Sharp Corporation PC924X Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PC924X
OPIC Photocoupler
(1) IGBT drive for inverter control
Internal connection
Input
Forward current
IF
25
mA
VR
6V
Output
Supply voltage
VCC
35
V
IO1
0.1
A
IO1P
0.4
A
IO2
0.1
A
IO2P
0.4
A
VO1
35
V
Power dissipation
PO
500
mW
Total power dissipation
Ptot
550
mW
Isolation voltage
Viso(rms)
5.0
kV
Operating temperature
Topr
-20 to +80
Storage temperature
Tstg
-55 to +125
˚C
Soldering temperature
Tsol
260
*3 40 to 60%RH, AC for 1 minute, Ta=25˚C
*2 Pulse width
≤ 0.15 µs, duty ratio= 0.01
*2
*2
O1
O1
O2
O2
O1
Output current
Peak output current
Output current
Peak output current
Output voltage
7
5
6
8
1
2
3
4
9.66
1.2
0.85
7.62
0.26
2.54
0.5
Interface
87
6
1
23
4
5
3 NC
4 NC
7 GND
5 O1
6 O2
8 Vcc
1 Anode
2 Cathode
(Unit : mm)
Outline Dimensions
Features
Applications
Absolute Maximum Ratings
(Notice)
• In the absence of device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP device
shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
• Specifications are subject to change without notice for improvement.
(Internet) • Data for SHARP's optoelectronic/power device is provided for internet. (Address http://www.sharp.co.jp/ecg/)
Parameter
Symbol
Ratings
Unit
Reverse voltage
*1
*3
*4
(Unless specified, Ta=Topr)
˚C
˚C
*1 Ta=25˚C
*4 For 10s
PC924
* "OPIC" (Optical IC) is a trademark of the SHARP Corporation.
An OPIC consists of a light-detecting element and signal-
processing circuit integrated onto a single chip.
Built-in direct drive circuit for IGBT drive
(IO1P, IO2P : 0.4 A)
High speed response
(tPHL,tPLH : MAX. 2.0
µs)
Wide operating supply voltage range
(VCC : 15 to 30 V, Ta= -10 to 60 ˚C )
High noise reduction type
(CMH=MIN. -1 500 V/
µs)
(CML=MIN. 1 500 V/
µs)
High isolation voltage (Viso(rms) : 5 kV)
OPIC Photocoupler for IGBT Drive of Inverter
(1)
(2)
(3)
(4)
(5)


Similar Part No. - PC924X

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC924 SHARP-PC924 Datasheet
85Kb / 6P
OPIC Photocoupler for IGBT Drive of Inverter
More results

Similar Description - PC924X

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC923 SHARP-PC923 Datasheet
86Kb / 6P
High Speed Photocoupler for MOS-FET / IGBT Drive
PC924 SHARP-PC924 Datasheet
85Kb / 6P
OPIC Photocoupler for IGBT Drive of Inverter
PC928 SHARP-PC928 Datasheet
137Kb / 10P
Shortcircuit Protector Circuit Built-in OPIC Photocoupler Suitable for Inverter-Driving IGBT
PC920 SHARP-PC920 Datasheet
150Kb / 5P
Power OPIC Photocoupler
PC923L SHARP-PC923L Datasheet
322Kb / 18P
High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
PC923X SHARP-PC923X Datasheet
46Kb / 3P
OPIC Photocoupler
PC923XI SHARP-PC923XI Datasheet
50Kb / 3P
High Speed OPIC Photocoupler for MOS-FET/IGBT Drive
logo
COSMO Electronics Corp...
KP1510 COSMO-KP1510_15 Datasheet
324Kb / 14P
8PIN IGBT GATE DRIVE PHOTOCOUPLER
KTLP350 COSMO-KTLP350_15 Datasheet
344Kb / 13P
8PIN IGBT GATE DRIVE PHOTOCOUPLER
KTLP250 COSMO-KTLP250_15 Datasheet
330Kb / 12P
8PIN IGBT GATE DRIVE PHOTOCOUPLER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com