Electronic Components Datasheet Search
  English  ▼

X  

PSG08052 Datasheet(PDF) 1 Page - Pro-Signal

Part # PSG08052
Description  VGA Male to 2x VGA Female
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG08052 Datasheet(HTML) 1 Page - Pro-Signal

  PSG08052 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
17/11/21
VGA Male to 2x VGA Female
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Dimensions : Millimetres
No
Description
Qty. Unit
1
28AWG×3Coax+28AWG×9C+AEB 85%(AL) OD:8.5mm Black PVC
-
m
2
VGA F black insulation; shell plated gold; Pin plated gold
2
Pcs
3
Transparent PE
10
g
4
PVC 45P Black
30
5
VGA M black insulation; shell plated gold; Pin Plated gold
1
Pc
6
VGA Transparent dust cover
7
Screw:#4-40UNC 4×47mm
8
VGA×2 PCB
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
VGA Male to 2x VGA Female
PSG08052
Diagram
Specifications
Contact Resistance
: 3Ω Max.
Insulation Resistance
: DC 300V/10ms, 10MΩ Min..
Features
• Allows two VGA monitors to be connected to a single VGA output
• VGA Male to 2x VGA Female
• Designed for short range desktop installations of up to 10m
• Gold plated connectors
• Moulded Housing
• Lead length: 200mm


Similar Part No. - PSG08052

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PSG08017 PROSIGNAL-PSG08017 Datasheet
231Kb / 1P
Replacement Headphone Pads
V1.0 31/03/22
PSG08094 PROSIGNAL-PSG08094 Datasheet
282Kb / 1P
Coaxial to Optical Adapter
V1.0 02/09/21
More results

Similar Description - PSG08052

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PD064VT5 AZDISPLAYS-PD064VT5 Datasheet
494Kb / 23P
Compatible with VGA-480 , VGA-400 , VGA-350 mode
logo
Tripp Lite. All Rights ...
P131000 TRIPPLITE-P131000 Datasheet
518Kb / 2P
HDMI Male to VGA Female Adapter
P134000VGAV2 TRIPPLITE-P134000VGAV2 Datasheet
519Kb / 2P
DisplayPort 1.2 to VGA Compact Adapter Converter (DP-Male to VGA-Female)
P13706NVGAV2 TRIPPLITE-P13706NVGAV2 Datasheet
492Kb / 2P
Mini DisplayPort 1.2 to VGA Adapter Converter (Mini-DP Male to VGA Female), 6-in
P131-000 TRIPPLITE-P131-000 Datasheet
162Kb / 2P
HDMI Male to VGA Female Adapter - 1920x1200 @ 60 Hz, 1080p
P134-000-VGA-V2 TRIPPLITE-P134-000-VGA-V2 Datasheet
172Kb / 2P
DisplayPort 1.2 to VGA Active Compact Adapter (DP-Male to VGA-Female)
P137-06N-VGA-V2 TRIPPLITE-P137-06N-VGA-V2 Datasheet
158Kb / 2P
Keyspan Mini DisplayPort 1.2 to VGA Active Adapter Converter (Mini-DP Male to VGA Female), Thunderbolt 1 & 2 Compatible, 6-in.
logo
CnC Tech, LLC
750-10011-00200 CNC-750-10011-00200 Datasheet
145Kb / 1P
CBL DVI241 MALE TO VGA 241 MALE
Rev A
750-10011-00300 CNC-750-10011-00300 Datasheet
145Kb / 1P
CBL DVI241 MALE TO VGA 241 MALE
Rev A
750-10011-00500 CNC-750-10011-00500 Datasheet
183Kb / 1P
CBL DVI241 MALE TO VGA 241 MALE
Rev A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com