Electronic Components Datasheet Search
  English  ▼

X  

PHAP3301F Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PHAP3301F
Description  Tact switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHAP3301F Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PHAP3301F Datasheet HTML 1Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 2Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 3Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 4Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 5Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 6Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 7Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 8Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
APEM
www.apem.com
C-7
PHAP33 series
SMT tact switches
Low profile - 6,2 x 6,2 mm case
C
Button height from PCB : 2,9 mm
(.114)
2.90
(.177)
4.50
0.70
(.028)
(.177)
4.50
(.244)
6.20
(.102)
2.60
Ø3.00
(.118 DIA)
(.055)
1.40
3
4
1
2
24
13
PHAP3373
Button height from PCB : 3,1 mm - with grounding tab
(.028)
3.10
(.122)
4.50
(.177)
(.063)
1.60
(.244)
6.20
2.60
(.102)
0.70
(.028)
0.70
Ø3.00
(.118 DIA)
3
4
1
2
2
4
3
1
5
5
(.177)
4.50
Model No
Model No
Dim. «L»
PHAP3374
8 mm
PACKAGING
To order a product with tape and reel
packaging, add ”R” at the end of its
model number.
Example : PHAP3373R.
Quantity per reel : 1.700 pieces
ETIQUETTE
(LABEL)
(13.00 DIA)
Ø330.00
(.512 DIA)
Ø13.00
(.059 DIA)
Ø1.50
18.00
(.157)
(.079)
2.00
(.709)
(.472)
12.00
(.079)
2.00
4.00
(.161)
4.10
Operating force : 1,6N + 0,5N/-0,3N - Travel : 0,25 mm
Operating force : 1,6N + 0,5N/-0,3N - Travel : 0,25 mm
LABEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com