
List of Figures
Figure 1-1.
Stellaris
® 800 Series High-Level Block Diagram ................................................................ 22
Figure 2-1.
CPU Block Diagram ......................................................................................................... 29
Figure 2-2.
TPIU Block Diagram ........................................................................................................ 30
Figure 5-1.
JTAG Module Block Diagram ............................................................................................ 39
Figure 5-2.
Test Access Port State Machine ....................................................................................... 42
Figure 5-3.
IDCODE Register Format ................................................................................................. 46
Figure 5-4.
BYPASS Register Format ................................................................................................ 46
Figure 5-5.
Boundary Scan Register Format ....................................................................................... 47
Figure 6-1.
External Circuitry to Extend Reset .................................................................................... 49
Figure 6-2.
Main Clock Tree .............................................................................................................. 52
Figure 7-1.
Flash Block Diagram ...................................................................................................... 103
Figure 8-1.
GPIO Port Block Diagram ............................................................................................... 120
Figure 8-2.
GPIODATA Write Example ............................................................................................. 121
Figure 8-3.
GPIODATA Read Example ............................................................................................. 121
Figure 9-1.
GPTM Module Block Diagram ........................................................................................ 158
Figure 9-2.
16-Bit Input Edge Count Mode Example .......................................................................... 162
Figure 9-3.
16-Bit Input Edge Time Mode Example ........................................................................... 163
Figure 9-4.
16-Bit PWM Mode Example ............................................................................................ 164
Figure 10-1.
WDT Module Block Diagram .......................................................................................... 193
Figure 11-1.
UART Module Block Diagram ......................................................................................... 217
Figure 11-2.
UART Character Frame ................................................................................................. 218
Figure 12-1.
SSI Module Block Diagram ............................................................................................. 254
Figure 12-2.
TI Synchronous Serial Frame Format (Single Transfer) .................................................... 256
Figure 12-3.
TI Synchronous Serial Frame Format (Continuous Transfer) ............................................ 257
Figure 12-4.
Freescale SPI Format (Single Transfer) with SPO=0 and SPH=0 ...................................... 258
Figure 12-5.
Freescale SPI Format (Continuous Transfer) with SPO=0 and SPH=0 .............................. 258
Figure 12-6.
Freescale SPI Frame Format with SPO=0 and SPH=1 ..................................................... 259
Figure 12-7.
Freescale SPI Frame Format (Single Transfer) with SPO=1 and SPH=0 ........................... 260
Figure 12-8.
Freescale SPI Frame Format (Continuous Transfer) with SPO=1 and SPH=0 .................... 260
Figure 12-9.
Freescale SPI Frame Format with SPO=1 and SPH=1 ..................................................... 261
Figure 12-10. MICROWIRE Frame Format (Single Frame) .................................................................... 262
Figure 12-11. MICROWIRE Frame Format (Continuous Transfer) ......................................................... 263
Figure 12-12. MICROWIRE Frame Format, SSIFss Input Setup and Hold Requirements ........................ 263
Figure 13-1.
I2C Block Diagram ......................................................................................................... 291
Figure 13-2.
I2C Bus Configuration .................................................................................................... 292
Figure 13-3.
START and STOP Conditions ......................................................................................... 292
Figure 13-4.
Complete Data Transfer with a 7-Bit Address ................................................................... 293
Figure 13-5.
R/S Bit in First Byte ........................................................................................................ 293
Figure 13-6.
Data Validity During Bit Transfer on the I2C Bus ............................................................... 293
Figure 13-7.
Master Single SEND ...................................................................................................... 296
Figure 13-8.
Master Single RECEIVE ................................................................................................. 297
Figure 13-9.
Master Burst SEND ....................................................................................................... 298
Figure 13-10. Master Burst RECEIVE .................................................................................................. 299
Figure 13-11. Master Burst RECEIVE after Burst SEND ........................................................................ 300
Figure 13-12. Master Burst SEND after Burst RECEIVE ........................................................................ 301
7
November 29, 2007
Preliminary
LM3S800 Microcontroller