Electronic Components Datasheet Search
  English  ▼

X  

OSC52 Datasheet(PDF) 1 Page - SIWARD Crystal Technology Co., Ltd.

Part # OSC52
Description  CRYSTAL OSCILLATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIWARD [SIWARD Crystal Technology Co., Ltd.]
Direct Link  https://www.siward.com/en
Logo SIWARD - SIWARD Crystal Technology Co., Ltd.

OSC52 Datasheet(HTML) 1 Page - SIWARD Crystal Technology Co., Ltd.

  OSC52 Datasheet HTML 1Page - SIWARD Crystal Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CRYSTAL OSCILLATOR
OSC52
Model
OSC52
Frequency range
0.5∼160.0MHz
Storage temperature range
-55 ~ +125℃
Operating temperature range
-40∼+85℃, -40 ∼ +105℃, -40 ∼ +125℃
Frequency stability
±
25ppm/±50ppm
Power supply voltage
1.8V DC±10%
2.5V DC±10%
3.3V DC±10%
Current consumption
2.5mA max@∼20M
5mA max@∼20M
6mA max@∼20M
6mA max@∼40M
7mA max@∼40M
10mA max@∼40M
8mA max@∼60M
12mA max@∼60M
18mA max@∼60M
10mA max@∼75M
14mA max@∼75M
22mA max@∼75M
12mA max@∼100M
23mA max@∼100M
25mA max@∼100M
15mA max@∼125M
26mA max@∼125M
28mA max@∼125M
20mA max@∼160M
35mA max@∼160M
40mA max@∼160M
Output level
C-MOS
Output load
15pF
Output Voltage level
VOL: 10%Vcc max. / VOH: 90%Vcc min.
Rise & Fall time
7ns max.@10%Vcc ∼ 90%Vcc
Duty cycle
45∼55%(F≦125M)@50%Vcc, 40∼60%(F≧125M)@50%Vcc
Start-up time
5ms max.
Phase Jitter
1ps max.@12KHz to 20MHz
Applications
•
PC Main board / VGA card / DVD
/ DVC /DSC / Printer / Scanner /
Game Console
Specifications
Outline and Dimensions [unit:mm]
Package quantity: 3,000pcs max./Reel.
Features
•
Low height ceramic package / Dimensions (7.0×5.0×1.4)
•
CMOS / TTL Output with Tri-state function
7.0±0.2
5.08±0.15
1.4±0.15
3.28
Land Pattern(REFERENCE)
MARKING
1.8(X4)
#1
#4
#3
#2
#4
#1
#2
#3
SOLDER LAND(X4)
Terminal
Connection
#1
Tri-state or N.C
#2
GND
#3
Output
#4
Vcc
Tri-state Function
Tri-state pin
Output
High or Floating
Active
Low
Hi-Impedance


Similar Part No. - OSC52

ManufacturerPart #DatasheetDescription
logo
France Joint
OSC52X80X13 FRANCEJOINT-OSC52X80X13 Datasheet
410Kb / 5P
INVERTED SHAFT SEALS
More results

Similar Description - OSC52

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
TG-2832CB EPSONTOYOCOM-TG-2832CB Datasheet
477Kb / 1P
Crystal oscillator
logo
ECM Electronics Limited...
GBS303 ECM-GBS303 Datasheet
111Kb / 1P
Crystal Oscillator
logo
Epson ToYoCom
EG-2002CA EPSONTOYOCOM-EG-2002CA Datasheet
325Kb / 2P
CRYSTAL OSCILLATOR
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-2600-ACA-BA VECTRON-PX-2600-ACA-BA Datasheet
265Kb / 4P
Crystal Oscillator
PX-7000-DAC-D VECTRON-PX-7000-DAC-D Datasheet
449Kb / 6P
Crystal Oscillator
PX-571 VECTRON-PX-571 Datasheet
1Mb / 8P
Crystal Oscillator
logo
NIHON DEMPA KOGYO
7311S-DF-104P NDK-7311S-DF-104P Datasheet
469Kb / 2P
Crystal Oscillator
logo
Epson ToYoCom
SG-3031CM EPSONTOYOCOM-SG-3031CM Datasheet
503Kb / 2P
Crystal Oscillator
VG5032EDN EPSONTOYOCOM-VG5032EDN Datasheet
553Kb / 2P
Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com