Electronic Components Datasheet Search
  English  ▼

X  

OSC86 Datasheet(PDF) 1 Page - SIWARD Crystal Technology Co., Ltd.

Part # OSC86
Description  CRYSTAL OSCILLATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIWARD [SIWARD Crystal Technology Co., Ltd.]
Direct Link  https://www.siward.com/en
Logo SIWARD - SIWARD Crystal Technology Co., Ltd.

OSC86 Datasheet(HTML) 1 Page - SIWARD Crystal Technology Co., Ltd.

  OSC86 Datasheet HTML 1Page - SIWARD Crystal Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Applications
Features
˙Clock and Data Recovery
˙Samll ceramic package / Dimensions (3.2* 2.5 *0.9 )
˙LowPower consumption ( CMOS/IC 1.5
μA )with Tri-satate Function and wide
range operating temperature (- 40∼+125 ℃ )
˙Start-up time below 1 sec.Supply coltage 1.2 ~ 5.5V
Specifications
-120~+10 ppm @-20~+70 ℃,+25 ℃ as the reference
Power supply voltage
2.5 μA max. @Vcc=5.0 V, No Load
Output level
Load
15 pF max.
Output voltage level
Rise & Fall time
Package quantity : 3,000pcs max./Reel
Outline and Dimensions [unit: mm]
Land Pattern(REFERENCE)
Start-up time
1 sec max.
Standby Current Consumption
1 μA max.
VOL: 0.4 V max. / VOH: Vcc-0.4 V min.
200 ns max. @10%Vcc
∼90%Vcc
Duty cycle
40%
∼60% at 50%Vcc
Storage temperature range
-55
∼ +125 ℃
Operating temperature range
-40
∼ +125 ℃
Frequency stability
+5 ±20 ppm @Vdd=3.3 V,+25℃
Frequency Temp. Characteristics
+1.2~+5.5 V±10%
Current consumption
1.5 μA max. @Vcc=3.3 V, No Load
C-MOS
Nominal frequency
32.768 KHz
CRYSTAL OSCILLATOR
OSC86
Model
OSC86


Similar Part No. - OSC86

ManufacturerPart #DatasheetDescription
logo
SIWARD Crystal Technolo...
OSC81 SIWARD-OSC81 Datasheet
852Kb / 1P
CRYSTAL OSCILLATOR
logo
OptoSupply Internationa...
OSC84L3131A OPTOSUPPLY-OSC84L3131A Datasheet
124Kb / 1P
3mm Round Baby Piink SMD LED
OSC84L5111A OPTOSUPPLY-OSC84L5111A Datasheet
114Kb / 1P
5mm Round Baby Piink SMD LED
OSC84LS1C1A OPTOSUPPLY-OSC84LS1C1A Datasheet
90Kb / 1P
3.5x2.8x1.9mm Baby Pink SMD LED
OSC84LZ281P OPTOSUPPLY-OSC84LZ281P Datasheet
91Kb / 1P
Deluxe Power Super Flux Baby Pink LED
More results

Similar Description - OSC86

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
TG-2832CB EPSONTOYOCOM-TG-2832CB Datasheet
477Kb / 1P
Crystal oscillator
logo
ECM Electronics Limited...
GBS303 ECM-GBS303 Datasheet
111Kb / 1P
Crystal Oscillator
logo
Epson ToYoCom
EG-2002CA EPSONTOYOCOM-EG-2002CA Datasheet
325Kb / 2P
CRYSTAL OSCILLATOR
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-2600-ACA-BA VECTRON-PX-2600-ACA-BA Datasheet
265Kb / 4P
Crystal Oscillator
PX-7000-DAC-D VECTRON-PX-7000-DAC-D Datasheet
449Kb / 6P
Crystal Oscillator
PX-571 VECTRON-PX-571 Datasheet
1Mb / 8P
Crystal Oscillator
logo
NIHON DEMPA KOGYO
7311S-DF-104P NDK-7311S-DF-104P Datasheet
469Kb / 2P
Crystal Oscillator
logo
Epson ToYoCom
SG-3031CM EPSONTOYOCOM-SG-3031CM Datasheet
503Kb / 2P
Crystal Oscillator
VG5032EDN EPSONTOYOCOM-VG5032EDN Datasheet
553Kb / 2P
Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com