Electronic Components Datasheet Search
  English  ▼

X  

PSG08322 Datasheet(PDF) 1 Page - Pro-Signal

Part # PSG08322
Description  4mm Banana Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG08322 Datasheet(HTML) 1 Page - Pro-Signal

  PSG08322 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
04/01/22
4mm Banana Plug
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
4mm Banana Plug, Red / Gold
PSG08321
4mm Banana Plug, Black / Gold
PSG08322
Dimensions : Millimetres
Specifications
Gender
: Plug
Connector Mounting
: Cable Mount
Contact Plating
: Gold Plated Contacts
Contact Termination Type : Screw
Diagram
No.
Description
Material
Finish Qty.
1
Brass Wheel
Phosphor Bronze
Gold
1
2
Bolt
Q235
3
Body
H59-1
4
Plastic Tube
ABS
BK/RD
5
Screw
Steel
Gold


Similar Part No. - PSG08322

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PSG08382 PROSIGNAL-PSG08382 Datasheet
177Kb / 1P
Desk Monitor Arm with VESA Mount and Keyboard Tray
V1.0 02/03/22
More results

Similar Description - PSG08322

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5934 POMONA-5934 Datasheet
54Kb / 1P
4MM Banana Plug
6601 POMONA-6601 Datasheet
205Kb / 2P
Comfort Probe with Removable 4mm Banana Plug Adapter
72914 POMONA-72914 Datasheet
119Kb / 1P
4mm Safety Banana Jack to 2mm Banana Plug Adapter
72916 POMONA-72916 Datasheet
129Kb / 1P
4mm Banana Jack to 2mm Banana Jack Adapter
72917 POMONA-72917 Datasheet
70Kb / 1P
4mm Banana Plug to 2mm Sheathed Banana Jack Adapter
72918 POMONA-72918 Datasheet
71Kb / 1P
4mm Banana Plug with Threaded M3 Stud
logo
List of Unclassifed Man...
BU-26103-0 ETC2-BU-26103-0 Datasheet
210Kb / 1P
Test Probe with 4mm Banana Plug
BU-30211-0 ETC2-BU-30211-0 Datasheet
460Kb / 1P
Spade Terminal to 4mm Banana
BU-32603-0 ETC2-BU-32603-0 Datasheet
50Kb / 1P
Cable Mountable 4mm Shrouded Banana Plug
BU-P72914-0 ETC2-BU-P72914-0 Datasheet
159Kb / 1P
4mm banana jack to 2mm banana jack adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com