Electronic Components Datasheet Search
  English  ▼

X  

PTSAHT0805 Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # PTSAHT0805
Description  Automotive high temperature SMD PTC fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

PTSAHT0805 Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  PTSAHT0805 Datasheet HTML 1Page - Eaton All Rights Reserved. PTSAHT0805 Datasheet HTML 2Page - Eaton All Rights Reserved. PTSAHT0805 Datasheet HTML 3Page - Eaton All Rights Reserved. PTSAHT0805 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Technical Data ELX1044
Effective June 2021
PTSAHT0805
Automotive high temperature SMD PTC fuses
www.eaton.com/electronics
Packaging information
Supplied in tape and reel packaging, 4000 parts per 7.0” (178 mm) diameter reel (EIA-481 compliant)
W
F
D1
P1
E2
E1
D0
P0
P2
A
A
B
B
SECTION B-B
A0
SECTION A-A
T
K0
B0
General specifications
Operating temperature: -40 °C to + 125 °C (with derating)
Storage temperature: -10 °C to + 40 °C
Storage relative humidity: ≤70%
Storage conditon: Keep away form corrosive atmosphere and sunlight
Passive aging: IEC60738-1 , +60 °C, 1000 hours, ≤20%
IEC60738-1 , +85 °C, 1000 hours, ≤20%
Humidity aging: +85 °C, 85% RH, 100 hours, ≤20%
Thermal shock: IEC60738-1, +85 °C/ -40 °C, 20 cycles, ≤50%
Trip cycle life: UL1434, Vmax, Imax, 100 cycles, no arcing or burning
Trip endurance: UL1434, Vmax, Itrip ≤ I ≤ Imax, 2 hours, no arcing or burning
MSL test: J-STD-020, MSL=1, pass and no visible damage
W
F
E1
E2
P0
P1
P2
D0
D1
A0
B0
K0
T
8.00 ± 0.30 3.50 ± 0.10 1.75 ± 0.10
-
4.00 ± 0.10 4.00 ± 0.10 2.00 ± 0.05 1.50 + 0.10/-0
-
1.68 ± 0.10 2.44 ± 0.10 1.04 ± 0.10 0.22 ± 0.05



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com