Electronic Components Datasheet Search
  English  ▼

X  

ICS8535-31 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8535-31
Description  LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/ LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8535-31 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8535-31 Datasheet HTML 1Page - Integrated Circuit Systems ICS8535-31 Datasheet HTML 2Page - Integrated Circuit Systems ICS8535-31 Datasheet HTML 3Page - Integrated Circuit Systems ICS8535-31 Datasheet HTML 4Page - Integrated Circuit Systems ICS8535-31 Datasheet HTML 5Page - Integrated Circuit Systems ICS8535-31 Datasheet HTML 6Page - Integrated Circuit Systems ICS8535-31 Datasheet HTML 7Page - Integrated Circuit Systems ICS8535-31 Datasheet HTML 8Page - Integrated Circuit Systems ICS8535-31 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
8535AG-31
www.icst.com/products/hiperclocks.html
REV. B APRIL 29, 2005
1
Integrated
Circuit
Systems, Inc.
ICS8535-31
LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/
LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
GENERAL DESCRIPTION
The ICS8535-31 is a low skew, high performance
1-to-4 3.3V Crystal Oscillator/LVCMOS-to-3.3V
LVPECL fanout buffer and a member of the
HiPerClockS™family of High Performance Clock
Solutions from ICS. The ICS8535-31 has select-
able single ended clock or crystal inputs. The single ended
clock input accepts LVCMOS or LVTTL input levels and
translate them to 3.3V LVPECL levels. The output enable is
internally synchronized to eliminate runt pulses on the out-
puts during asynchronous assertion/deassertion of the clock
enable pin.
Guaranteed output and part-to-part skew characteristics
make the ICS8535-31 ideal for those applications demand-
ing well defined performance and repeatability.
FEATURES
• 4 differential 3.3V LVPECL outputs
• Selectable LVCMOS/LVTTL CLK or crystal inputs
• CLK can accept the following input levels: LVCMOS, LVTTL
• Maximum output frequency: 266MHz
• Output skew: 30ps (maximum)
• Part-to-part skew: 200ps (maximum)
• Propagation delay: 1.65ns (maximum)
• Additive phase jitter, RMS: 0.057ps (typical)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Lead-Free package fully RoHS compliant
• Industrial Temperature information available upon request
• Replaces the ICS8535-11
BLOCK DIAGRAM
PIN ASSIGNMENT
ICS8535-31
20-Lead TSSOP
6.5mm x 4.4mm x 0.92mm package body
G Package
Top View
VEE
CLK_EN
CLK_SEL
CLK
nc
XTAL_IN
XTAL_OUT
nc
nc
VCC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Q0
nQ0
VCC
Q1
nQ1
Q2
nQ2
VCC
Q3
nQ3
HiPerClockS™
ICS
CLK
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
CLK_EN
CLK_SEL
D
LE
Q
0
1
OSC
XTAL_IN
XTAL_OUT
Pullup
Pulldown
Pulldown


Similar Part No. - ICS8535-31

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8535-31 IDT-ICS8535-31 Datasheet
272Kb / 15P
LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
ICS8535-31 RENESAS-ICS8535-31 Datasheet
966Kb / 16P
LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/ LVCMOSTO- 3.3V LVPECL FANOUT BUFFER
2019
More results

Similar Description - ICS8535-31

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8535-01 ICST-ICS8535-01 Datasheet
115Kb / 12P
LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
REV. B JULY 5, 2001
ICS8535-11 ICST-ICS8535-11 Datasheet
127Kb / 14P
LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/ LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
REV. B JULY 27, 2001
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01 Datasheet
347Kb / 5P
3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Device Techn...
IDT8535-01 IDT-IDT8535-01 Datasheet
75Kb / 11P
LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
ICS8535I-31 IDT-ICS8535I-31 Datasheet
685Kb / 15P
LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Pericom Semiconductor C...
PI6C48535-11 PERICOM-PI6C48535-11 Datasheet
286Kb / 5P
3.3V Low Skew 1-to-4 Crystal/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Device Techn...
ICS8538-31 IDT-ICS8538-31 Datasheet
1Mb / 14P
LOW SKEW, 1-TO-8, CRYSTAL OSCILLATOR/LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
8538-31 RENESAS-8538-31 Datasheet
410Kb / 15P
Low Skew, 1-to-8, Crystal Oscillator/LVCMOS-TO-3.3V LVPECL Fanout Buffer
Rev B 7/10/15
ICS8534I-13 RENESAS-ICS8534I-13 Datasheet
623Kb / 19P
Low Skew, 1-to-4, Crystal Oscillator/LVCMOSto- 3.3V, 2.5V LVPECL/LVCMOS Fanout Buffer
2019
ICS8535I-31 RENESAS-ICS8535I-31 Datasheet
1Mb / 16P
Low Skew, 1-To-4, Crystal Oscillator/LVCMOS-To-3.3V LVPECL Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com