Electronic Components Datasheet Search
  English  ▼

X  

PE30 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PE30
Description  Fully Sealed Potentiometer Professional Grade
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PE30 Datasheet(HTML) 3 Page - Vishay Siliconix

  PE30 Datasheet HTML 1Page - Vishay Siliconix PE30 Datasheet HTML 2Page - Vishay Siliconix PE30 Datasheet HTML 3Page - Vishay Siliconix PE30 Datasheet HTML 4Page - Vishay Siliconix PE30 Datasheet HTML 5Page - Vishay Siliconix PE30 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PE30
www.vishay.com
Vishay Sfernice
Revision: 15-Apr-2020
3
Document Number: 51037
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
LINEAR TAPER
LOGS TAPER
MAX. POWER
AT 70 °C
MAX. WORKING
VOLTAGE
MAX. CUR.
THROUGH WIPER
MAX. POWER
AT 70 °C
MAX. WORKING
VOLTAGE
MAX. CUR.
THROUGH WIPER
Ω
WV
mA
WV
mA
22
3
8.1
369
47
3
11.9
252
100
3
17.3
173
1.5
12.2
122
220
3
25.7
116
1.5
18.2
82.6
470
3
37.5
79
1.5
26.6
56.6
1K
3
54.8
54
1.5
38.7
38.7
2.2K
3
81.2
37
1.5
57.4
26.1
4.7K
3
118.7
25
1.5
83.9
17.9
10K
3
173.2
17
1.5
122
12.2
22K
3
256.9
11
1.5
181.6
8.25
47K
1.91
299.6
6.3
1.5
265
5.64
100K
0.90
300.0
3
0.9
300
3
220K
0.41
300.0
1.36
0.41
300
1.36
470K
0.19
298.8
0.63
0.19
300
0.63
1M
0.09
300.0
0.3
0.09
300
0.30
2.2M
0.04
296.6
0.13
0.04
300
0.13
4.7M
0.02
300.0
0.06
10M
0.01
300.0
0.03
MECHANICAL SPECIFICATIONS
Mechanical travel
300° ± 5°
Operating torque / typical value
3 Ncm
4.25 oz.-inch
End stop torque
120 Ncm max.
10.51 lb oz.-inch max.
Tightening torque of mounting nut
250 Ncm max.
22 lb-inch max.
Unit weight
23 g to 32 g max.
0.8 oz. to 1.13 oz.
Terminals
e3: pure Sn
ENVIRONMENTAL SPECIFICATIONS
Temperature range
-55 °C to +125 °C
Climatic category
55/125/56
Sealing
Fully sealed - container IP67
OPTIONS
Special feature command shaft
Length is measured from the mounting surface to the free end of the shaft. The screwdriver
slot is aligned with the wiper within ± 10°. Special shafts are available, in accordance to
drawings supplied by customers. We recommend that customers should not machine tool
shafts, in order to avoid damage. Bending or torsion of terminals should also be avoided.
Panel sealing (PE30M)
The panel sealing device consists of a ring located in a groove on the potentiometer face.
Sealing is obtained by tightening the ring against the panel when mounting the
potentiometer.
Old code: PE30P
Locating peg (PE30LL)
Location is obtained by fitting a special washer on the mounting face of the potentiometer.
Old code: LPRP
Shaft locking (PE30LD)
The shaft locking device consists of a tapered nut tightening a slotted notched washer
against both bushing and shaft.
DBAN tightening torque is 200 Ncm, shaft locking torque being 30 Ncm.
DBAN is also available with all special types.
This device is normally supplied in a separate bag. Can be pre-mounted on request.
Assembling
method
1)
2)
6.5
15
14 wrench
12 wrench



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com