Electronic Components Datasheet Search
  English  ▼

X  

2143-2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2143-2
Description  Double Miniature Banana Jack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2143-2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2143-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90132
(800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d2143_1_01.doc
Page 1 of
1
Model 2143
Double Miniature Banana Jack
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Accepts miniature banana plugs.
• Mounts in panels up to .188” thick.
MATERIALS:
Banana Jack Insulation - Polycarbonate. Color: One
Red and one Black.
Panel Insulator - Polycarbonate. Lockwasher #8 -
Steel.
Hex Nut, #8-32 - Brass.
Banana Jack Body – Gold plated brass.
Finish:
Lockwasher #8 - Nickel plated.
Hex Nut, #8-32 - Nickel plated.
Banana Jack Body - Gold plated brass
RATINGS:
Operating Temperature: +115°C. (+239°F.) Max.
Operating Voltage: 1500 VRMS
Current: 5 Amperes
ORDERING INFORMATION: Model 2143-*
*=Standard Mounting Base Colors: -0 Black, -2 Red


Similar Part No. - 2143-2

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2143-2 POMONA-2143-2 Datasheet
29Kb / 1P
Double Miniature Banana Jack
More results

Similar Description - 2143-2

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2138 POMONA-2138 Datasheet
21Kb / 1P
Standard Banana Jack To Miniature Banana Plug
2142 POMONA-2142 Datasheet
143Kb / 1P
Insulated Miniature Banana Jack
2143 POMONA-2143 Datasheet
29Kb / 1P
Double Miniature Banana Jack
2269 POMONA-2269 Datasheet
320Kb / 1P
Insulated Double Banana Jack
2952 POMONA-2952 Datasheet
24Kb / 1P
Adapter - Standard Double Banana Jack To Miniature Double Banana Plug
4619 POMONA-4619 Datasheet
28Kb / 1P
Mounting Base Double Banana Jack & Binding Post, Miniature
logo
3M Electronics
2142-2 3M-2142-2 Datasheet
143Kb / 1P
Insulated Miniature Banana Jack
Rev 100
2142-4 3M-2142-4 Datasheet
28Kb / 1P
Insulated Miniature Banana Jack
09-Jun-1999
logo
List of Unclassifed Man...
BU-P2143-0 ETC2-BU-P2143-0 Datasheet
191Kb / 1P
Double Mini Banana Jack
BU-P2269 ETC2-BU-P2269 Datasheet
196Kb / 1P
Double Mini Banana Jack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com