Electronic Components Datasheet Search
  English  ▼

X  

FX145 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FX145
Description  SMD TUNING FORK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FX145 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FX145 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
28
FEATURES
• Ultra Low Profile
• 0.9mm Height
• Long Term Stability
• Tape and Reel (3,000 pcs. STD)
SMD TUNING FORK
MODEL: FX145
All dimensions are in millimeters.
740-0.032768-xxxxx
MAX (unless otherwise noted)
All specifications subject to change without notice. Rev.
5/17/05
32.768 kHz
±20 PPM
-0.04 PPM / (
ƼC)2
+20ºC ~ +30ºC
-40ºC ~ +85ºC
-55ºC ~ +125ºC
70 k
Ω
12.5 pF (Standard)
Others available
500 M
Ω Min
1.0 µW
±5 PPM
260ºC x 10 Seconds (2 Cycles)
1
Ni/Au
PARAMETERS
Frequency
Frequency Tolerance @ 25ºC
Frequency Stability
Temperature Coefficient
Temperature Range
Turnover
(TO)
Operating
(TOPR)
Storage
(TSTG)
Equivalent Series Resistance (RS)
Load Capacitance
(CL)
Insulation Resistance @ 100VDC
Drive Level
Aging per year
Reflow Soldering Temperature
Moisture Sensitivity Level (MSL)
Termination Finish
• STANDARD SPECIFICATIONS
MAX (unless otherwise noted)
Frequency
Stability
Operating
Temperature
-40 ~ +85 ºC 32.768 kHz
FX145
Model
Number
Part Number
• PART NUMBERLearn More - Internet Required
-0.04PPM/(
ƼC)2
Frequency
Learn more about:
Part Marking Identification
Tape and Reel Specification
Internet required
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1(239) 693.0099 FAX +1 (239) 693.1554 http://www.foxonline.com
EMEA Munich, Germany +49 0 89.90936870 FAX +49 0 89.90936776 | Asia Hong Kong +852.2854.4285 FAX +852.2854.4282
© 2005 FOX ELECTRONICS


Similar Part No. - FX145

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX145 FOX-FX145 Datasheet
170Kb / 1P
SMD Tuning Fork
More results

Similar Description - FX145

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FSXLF FOX-FSXLF Datasheet
183Kb / 2P
SMD Tuning Fork
FSX FOX-FSX Datasheet
82Kb / 1P
SMD TUNING FORK
FSRLF FOX-FSRLF Datasheet
189Kb / 2P
SMD Tuning Fork
FSR FOX-FSR Datasheet
98Kb / 1P
SMD TUNING FORK
FSN FOX-FSN Datasheet
79Kb / 1P
SMD TUNING FORK
FSMLF FOX-FSMLF Datasheet
119Kb / 2P
SMD Tuning Fork
FX145 FOX-FX145 Datasheet
170Kb / 1P
SMD Tuning Fork
FSMLF327 FOX-FSMLF327 Datasheet
657Kb / 2P
SMD Tuning Fork
FSXLF327 FOX-FSXLF327 Datasheet
140Kb / 2P
SMD Tuning Fork
FSXLF3270 FOX-FSXLF3270 Datasheet
140Kb / 2P
SMD Tuning Fork
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com