Electronic Components Datasheet Search
  English  ▼

X  

AP4V03LI Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP4V03LI
Description  -30V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP4V03LI Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP4V03LI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP4V03LI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP4V03LI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP4V03LI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP4V03LI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP4V03LI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP4V03LI Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP4V03LI
-30V P-Channel Enhancement Mode MOSFET
AP4V03LI REV1.0
永源微電子科技有限公司
Description
The AP4V03LI uses advanced Trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 10V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -30V ID =-4.2A
RDS(ON) < 80mΩ @ VGS=10V (Type:65mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP4V03LI
SOT23-6L
AP4V03LI
3000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Max.
Units
VDSS
Drain-Source Voltage
-30
V
VGSS
Gate-Source Voltage
±20
V
ID@TC=25
℃
Continuous Drain Current, VGS @ -10V1
-4.2
A
ID@TC=100
℃
Continuous Drain Current, VGS @ -10V1
-2.6
A
IDM
Pulsed Drain Current note1
-16.8
A
PD
Power Dissipation TA = 25
℃
1
W
RθJA
Thermal Resistance, Junction to Ambient
125
℃/W
RθJC
Thermal Resistance from Junction to Ambient2
135
℃/W
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
℃


Similar Part No. - AP4V03LI

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP4V02LI APME-AP4V02LI Datasheet
1,019Kb / 7P
-20V PP-Channel Enhancement Mode MOSFET
AP4V05S APME-AP4V05S Datasheet
1Mb / 7P
-55V PP-Channel Enhancement Mode MOSFET
More results

Similar Description - AP4V03LI

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
30V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2007
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
30V P-Channel ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3068L DIODES-DMP3068L_15 Datasheet
348Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com