Electronic Components Datasheet Search
  English  ▼

X  

AP5P10MI Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP5P10MI
Description  -100V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP5P10MI Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP5P10MI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP5P10MI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP5P10MI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP5P10MI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP5P10MI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP5P10MI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP5P10MI Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP5P10MI
-100V P-Channel Enhancement Mode MOSFET
AP5P10MI REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ =25℃, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = -250µA
-100
-
-
V
lGSS
Gate-Source Leakage current
VDS = 0V, VGS = ±20V
-
-
±100
nA
IDSS TJ=25°C
Zero Gate Voltage Drain Current
VDS = -100V, VGS = 0V
-
-
-1
μA
IDSS TJ=100°C
-
-
-100
VGS(th)
Gate-Threshold Voltage
VDS = VGS, ID = -250µA
-1.3
-1.85
-2.3
V
RDS(on)
Drain-Source on-Resistance4
VGS = -10V, ID = -3A
-
180
220
mΩ
RDS(on)
VGS = -4.5V, ID = -2A
-
200
250
Ciss
Input Capacitance
VDS = -50V, VGS =0V,
f =1MHz
-
1270
-
pF
Coss
Output Capacitance
-
36
-
Crss
Reverse Transfer Capacitance
-
30
-
Rg
Gate Resistance
f =1MHz
-
12.5
-
Ω
Qg
Total Gate Charge
VGS = -10V,
VDS = -50V, ID= -3A
-
25
-
nC
Qgs
Gate-Source Charge
-
4.4
-
Qgd
Gate-Drain Charge
-
4.6
-
td(on)
Turn-on Delay Time
VGS =-10V, VDD= -50V, RG =
3 Ω, ID= -3A
-
15
-
ns
tr
Rise Time
-
17
-
td(off)
Turn-off Delay Time
-
45
-
tf
Fall Time
-
16
-
IS
Continuous Source Current TA=25°C
-
-
-
-5.0
A
VSD
Diode Forward Voltage4
IS = -3A, VGS = 0V
-
-
-1.2
V
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The power dissipation is limited by 150℃ junction temperature
4、The data is theoretically the same as I D and I DM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com