Electronic Components Datasheet Search
  English  ▼

X  

LSX36 Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # LSX36
Description  LX Series Part-Sensing Light Curtain
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LSX36 Datasheet(HTML) 5 Page - Banner Engineering Corp.

  LSX36 Datasheet HTML 1Page - Banner Engineering Corp. LSX36 Datasheet HTML 2Page - Banner Engineering Corp. LSX36 Datasheet HTML 3Page - Banner Engineering Corp. LSX36 Datasheet HTML 4Page - Banner Engineering Corp. LSX36 Datasheet HTML 5Page - Banner Engineering Corp. LSX36 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LX Series Part-Sensing Light Curtain
09-Jul-25
page 5 of 6
© Banner Engineering Corp. All rights reserved.
www.bannerengineering.com
•
•
•
•
•
•
Accessories
Quick-Disconnect (QD) Cables
5-Pin Single-Ended M12 Female Shielded Cordsets
Model 
Length 
Style 
Dimensions 
Pinout (Female) 
MQDEC2-506 
2 m (6.56 ft) 
Straight 
44 Typ.
ø 14.5
M12 x 1
 
2
3
4
1
5
1 = Brown 
2 = White 
3 = Blue 
4 = Black 
5 = Gray 
MQDEC2-515 
5 m (16.4 ft) 
MQDEC2-530 
9 m (29.5 ft) 
MQDEC2-550 
15 m (49.2 ft) 
MQDEC2-575 
23 m (75.44 ft) 
MQDEC2-5100 
30.5 m (100 ft) 
MQDEC2-506RA 
2 m (6.56 ft) 
Right-Angle 
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
 
MQDEC2-515RA 
5 m (16.4 ft) 
MQDEC2-530RA 
9 m (29.5 ft) 
MQDEC2-550RA 
15 m (49.2 ft) 
MQDEC2-575RA 
23 m (75.44 ft) 
MQDEC2-5100RA 
31 m (101.68 ft) 
Mounting Brackets
SMBLX
End-cap brackets; set of 2
Zinc-plated cold rolled steel
Hardware included for mounting brackets to sensor
Hole center spacing: A = 12.7
Hole size: A = ø 4.3
40
25
A
13
 
SMBLXR
Back-mount bracket for secure one-end mounting
Zinc-plated cold rolled steel
Hardware included for mounting bracket to sensor
Hole center spacing: A , B = 63.5, A to B = 10.2
Hole size: A , B = 5.2 x 11.6
53
35
38
A
B (x2)
 
LX Series Lens Shields
Lens Shield Model Number
Fits LX Series Sensor Model
LXS3
LX3
Self-adhesive polycarbonate lens shields protect the
sensor lens window from impact or weld flash.
When shields are installed on both emitter and receiver,
excess gain is reduced by 36% (maximum operating
range reduces by 20%).
LXS6
LX6
LXS9
LX9
LXS12
LX12
LXS15
LX15
LXS18
LX18
LXS21
LX21
LXS24
LX24
Continued on page 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com