Electronic Components Datasheet Search
  English  ▼

X  

TLC2142MP Datasheet(PDF) 18 Page - Texas Instruments

Part # TLC2142MP
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2142MP Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLC2142MP Datasheet HTML 14Page - Texas Instruments TLC2142MP Datasheet HTML 15Page - Texas Instruments TLC2142MP Datasheet HTML 16Page - Texas Instruments TLC2142MP Datasheet HTML 17Page - Texas Instruments TLC2142MP Datasheet HTML 18Page - Texas Instruments TLC2142MP Datasheet HTML 19Page - Texas Instruments TLC2142MP Datasheet HTML 20Page - Texas Instruments TLC2142MP Datasheet HTML 21Page - Texas Instruments TLC2142MP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
TLE2142, TLE2142A, TLE2142Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS064B – DECEMBER 1990 – REVISED AUGUST 1994
5–18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLE2142Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
V0
R
50
Ω
150
875
µV
IIO
Input offset current
VIC = 0,
RS = 50 Ω,
VO = 0
7
100
nA
IIB
Input bias current
VO = 0
– 0.7
– 1.5
µA
V
Cd i
l
R50
Ω
–15
– 15.3
V
VICR
Common-mode input voltage range
RS = 50 Ω
15
to
15.3
to
V
ICR
pg
g
S
13
13.2
V
Mi
i i
k
l
i
IO = – 150 µA
13.8
14.1
V
VOM + Maximum positive peak output voltage swing
IO = – 1.5 mA
13.7
14
V
OM +
pp
p
g
g
IO = – 15 mA
13.3
13.7
V
Mi
i
k
l
i
IO = 150 µA
– 14.7
– 14.9
V
VOM – Maximum negative peak output voltage swing
IO = 1.5 mA
– 14.5
– 14.8
V
OM
gp
p
g
g
IO = 15 mA
– 13.4
– 13.8
AVD
Large-signal differential voltage amplification
VO = ± 10 V
RL =2kΩ
100
450
V/mV
AVD
Large-signal differential voltage amplification
VO = ± 10 V,
RL = 2 kΩ
100
450
V/mV
ri
Input resistance
65
M
Ω
ci
Input capacitance
2.5
pF
zo
Open-loop output impedance
f = 1 MHz
30
Ω
CMRR
Common-mode rejection ratio
VIC = VICRmin, RS = 50 Ω
80
108
dB
kSVR
Supply-voltage rejection ratio (
∆VCC± /∆VIO)
VCC
± = ±2.5 V to ±15 V,
85
106
dB
kSVR
Supply-voltage rejection ratio (
∆VCC± /∆VIO)
VCC
± ±2.5 V to ±15 V,
RS = 50 Ω
85
106
dB
IOS
Short-circuit output current
VO =0
VID = 1 V
–25
–50
mA
IOS
Short-circuit output current
VO = 0
VID = – 1 V
20
31
mA
ICC
Supply current
VO = 0,
No load
6.9
9
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com